Electronic Components Datasheet Search
  English  ▼

X  

ADF4351 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4351
Description  Wideband Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4351 Datasheet HTML 10Page - Analog Devices ADF4351 Datasheet HTML 11Page - Analog Devices ADF4351 Datasheet HTML 12Page - Analog Devices ADF4351 Datasheet HTML 13Page - Analog Devices ADF4351 Datasheet HTML 14Page - Analog Devices ADF4351 Datasheet HTML 15Page - Analog Devices ADF4351 Datasheet HTML 16Page - Analog Devices ADF4351 Datasheet HTML 17Page - Analog Devices ADF4351 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADF4351
Data Sheet
Rev. 0 | Page 14 of 28
REGISTER MAPS
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
DB0
0
N16
N15
N14
N13
N12
N11
N10
N9
16-BIT INTEGER VALUE (INT)
12-BIT FRACTIONAL VALUE (FRAC)
CONTROL
BITS
N8
N7
N6
N5
N4
N3
N2
N1
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
C3(0) C2(0) C1(0)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
0
0
PH1
PR1
P12
P11
P10
P9
12-BIT PHASE VALUE (PHASE)
12-BIT MODULUS VALUE (MOD)
CONTROL
BITS
P8
P7
P6
P5
P4
P3
P2
P1
M12
M11
M10
M9
M8
M7
M6
M5
M4
M3
M2
M1
C3(0) C2(0) C1(1)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
L2
L1
M3
M2
M1
RD2
RD1
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
D1
CP4
CP3
CP2
CP1
U6
U5
U4
U3
U2
U1
C3(0) C2(1) C1(0)
CHARGE
PUMP
CURRENT
SETTING
10-BIT R COUNTER
CONTROL
BITS
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
F4
F3
F2
0
0
F1
0
C2
C1
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
C3(0) C2(1) C1(1)
CONTROL
BITS
12-BIT CLOCK DIVIDER VALUE
OUTPUT
POWER
CLK
DIV
MODE
DBR1
1DBR = DOUBLE-BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.
2DBB = DOUBLE-BUFFERED BITS—BUFFERED BY THE WRITE TO REGISTER 0, IF AND ONLY IF DB13 OF REGISTER 2 IS HIGH.
RESERVED
RESERVED
REGISTER 4
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
D13
D12
D11
D10
BS8
BS7
BS6
BS5
BS4
BS3
BS2
BS1
D9
D8
D7
D6
D5
D4
D3
D2
D1
C3(1) C2(0) C1(0)
CONTROL
BITS
8-BIT BAND SELECT CLOCK DIVIDER VALUE
LD PIN
MODE
RF DIVIDER
SELECT
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
REGISTER 5
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
D15
D14
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
C3(1) C2(0) C1(1)
CONTROL
BITS
RESERVED
RESERVED
DBB2
RESERVED
RESERVED
DBR1
DBR1
DBR1
AUX
OUTPUT
POWER
RESERVED
LOW
NOISE AND
LOW SPUR
MODES
MUXOUT
Figure 23. Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com