Electronic Components Datasheet Search
  English  ▼

X  

SN11113 Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SN11113
Description  USB AUDIO CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11113 Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SN11113 Datasheet HTML 4Page - SONiX Technology Company SN11113 Datasheet HTML 5Page - SONiX Technology Company SN11113 Datasheet HTML 6Page - SONiX Technology Company SN11113 Datasheet HTML 7Page - SONiX Technology Company SN11113 Datasheet HTML 8Page - SONiX Technology Company SN11113 Datasheet HTML 9Page - SONiX Technology Company SN11113 Datasheet HTML 10Page - SONiX Technology Company SN11113 Datasheet HTML 11Page - SONiX Technology Company SN11113 Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SN11113 spec
8
IIH
high level input current
VI = 3.6 V
SPDIFI, XSDIN pins :
3.0 (max)
the other pins :
3.0 (max)
µA
IDD
input supply current
20 (max)
mA
Isuspend
supply current in suspend
20 (max)
µA
6.4
AC electrical characteristics
6.4.1
USB transceiver signal (full speed mode)
symbol
parameter
test condition
min
max
unit
Tr
transition rise time for DP or DM
4
20
ns
Tf
transition fall time for DP or DM
4
20
ns
Trfm
rise / fall time matching
(Tr / Tf ) * 100
90
110
%
Vo(crs)
signal crossover voltage
1.3
2.0
V
6.4.2
Operation clocks
symbol
parameter
Value
unit
CLKin
XIAUD/XOAUD crystal value
BITCLK serial data clock
12.288 (typ)
MHz
CLKin duty cycle
50 ± 2
%
USBCLKin
XIUSB/XOUSB crystal value
6 (typ)
MHz
USBCLKin duty cycle
50 ± 2
%
6.4.3
External EEPROM interface
symbol
parameter
Value
unit
Fsk
SK pin clock frequency
200
kHz
6.4.4
AC’97 Audio Codec interface timing
Please refer to AC’97 component specification ver2.1, ver2.2
6.5
System level power consumption reference values
symbol
parameter
Value
unit
Isys_op
USB device operation power consumption
100 (max)
mA
Isys_suspend
USB device suspend power consumption
304 (max)
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com