Electronic Components Datasheet Search
  English  ▼

X  

SN11113 Datasheet(PDF) 16 Page - SONiX Technology Company

Part # SN11113
Description  USB AUDIO CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11113 Datasheet(HTML) 16 Page - SONiX Technology Company

Back Button SN11113 Datasheet HTML 12Page - SONiX Technology Company SN11113 Datasheet HTML 13Page - SONiX Technology Company SN11113 Datasheet HTML 14Page - SONiX Technology Company SN11113 Datasheet HTML 15Page - SONiX Technology Company SN11113 Datasheet HTML 16Page - SONiX Technology Company SN11113 Datasheet HTML 17Page - SONiX Technology Company SN11113 Datasheet HTML 18Page - SONiX Technology Company SN11113 Datasheet HTML 19Page - SONiX Technology Company SN11113 Datasheet HTML 20Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SN11113 spec
16
VIII.
Application
8.1
Application example
USB
MD , DAT
Multimedia
amplifier
PC or NoteBook
Audio
CD
VCD,
DVD
Audio data
stream
SONiX SN11113
USB cable
S/PDIF out
w av, mp3,
or other
audio AP
DAT, MD, CD player with
DAT, MD, CD player with
DAT, MD, CD player with
DAT, MD, CD player with
S/PDIF out
S/PDIF out
S/PDIF out
S/PDIF out
… etc.
Line-in / Microphone in
Line-in / Microphone in
Line-in / Microphone in
Line-in / Microphone in
Line-out
Line-out
Line-out
Line-out
AC'97 Codec
AC'97 Codec
AC'97 Codec
AC'97 Codec
AC link
AC link
AC link
AC link
AC-3 Decoder
8.2
Brief application circuit chart
SN11113
AC97
CODEC
93C46
USB
P C
EEPROM
Line out
Line in
AC link
LED N,
HIDMUTER
programmable Jumper pins
TYPE0, TYPE1, TYPE2,
TYPE3, PLLEN, RECORD
MCU interface
SOF, CMPCLK, PDSW
6 MHz
( VOLUP,
VOLDN,
MUTEP,
MUTER )
push buttons
12.288MHz
MIC in
* detail application circuit is available by customer request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com