Electronic Components Datasheet Search
  English  ▼

X  

SN11113 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SN11113
Description  USB AUDIO CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11113 Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SN11113 Datasheet HTML 2Page - SONiX Technology Company SN11113 Datasheet HTML 3Page - SONiX Technology Company SN11113 Datasheet HTML 4Page - SONiX Technology Company SN11113 Datasheet HTML 5Page - SONiX Technology Company SN11113 Datasheet HTML 6Page - SONiX Technology Company SN11113 Datasheet HTML 7Page - SONiX Technology Company SN11113 Datasheet HTML 8Page - SONiX Technology Company SN11113 Datasheet HTML 9Page - SONiX Technology Company SN11113 Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SN11113 spec
6
50
CMPCLK
O, 4mA, SR
PLL comparator input
51
VOLDN
I, ST
Volume down control, edge trigger with 64ms de-bouncing circuit
52
ACDOUT
O, 4mA, SR
AC’97 Codec serial data
53
MUTEP
I, ST
Playback mute control pin, edge trigger with 64ms de-bouncing circuit
54
PLLEN
I, ST
Use PLL (=1)
or
Crystal at XIAUD pin
55
VSS
P
Power pin
56
VDD
P
Power pin
57
TAVSS
P
Power pin for USB transceiver
58
USBDM
I/O
USB data minus
59
USBDP
I/O
USB data plus
60
TAVDD
P
Power pin for USB transceiver
61
AVSS
P
Power pin for PLL
62
AVDD
P
Power pin for PLL
63
HIDMUTER
O, 8mA, SR
Playback mute led indicator
64
TYPE0
I, ST
Product type setting pin0
** All input pin are 5 volt tolerance, TTL level and Schmitt trigger
All output pins are slew rate control
I – input pin , O – output pin, P – power pin, ST – Schmitt trigger, SR – slew rate control,
PU/PD – pull up or pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com