Electronic Components Datasheet Search
  English  ▼

X  

SN11113 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SN11113
Description  USB AUDIO CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11113 Datasheet(HTML) 2 Page - SONiX Technology Company

  SN11113 Datasheet HTML 1Page - SONiX Technology Company SN11113 Datasheet HTML 2Page - SONiX Technology Company SN11113 Datasheet HTML 3Page - SONiX Technology Company SN11113 Datasheet HTML 4Page - SONiX Technology Company SN11113 Datasheet HTML 5Page - SONiX Technology Company SN11113 Datasheet HTML 6Page - SONiX Technology Company SN11113 Datasheet HTML 7Page - SONiX Technology Company SN11113 Datasheet HTML 8Page - SONiX Technology Company SN11113 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SN11113 spec
2
I.
Description
SONiX SN11113 is an USB audio controller. It supports 32KHz, 44.1KHz and 48KHz sampling
rate in digital playback and recording; 44.1KHz and 48 KHz sampling rate in analog audio
playback and recording.
In digital playback mode, it receives audio stream from PC via USB interface and transmits
audio data according to the AES/EBU, IEC60958, S/PDIF consumer interface standards. In
analog playback mode, it supports AC 97 Codec for analog playback.
In digital recording mode, it receives S/PDIF digital audio input and sends back to PC through
USB. Three sampling rates; includes 32 KHz, 44.1 KHz, and 48 KHz; are automatically locked
internally. In analog recording mode, 44.1KHz and 48 KHz sampling rate are supported by
analog audio recording.
Totally one control pipe, two isochronous pipes, and one interrupt pipe are supported by
SN11113.
II.
Features
Supports AES/EBU, IEC60958, S/PDIF consumer formats for stereo PCM data
32K, 44.1K and 48KHz sampling rate for 2 channel playback in digital mode
Conveys AC-3 data stream by S/PDIF output
44.1K and 48KHz sampling rate for 2 channel playback in analog mode
Supports digital recording function with 32KHz, 44.1KHz and 48KHz sampling rate
Supports analog recording function with 44.1KHz and 48KHz sampling rate
Supports SCMS (Serial Copy Management System) copy protection
Full-duplex playback/ recording audio stream without sound card in PC
Compatible with Win98 SE/ WinME/ Win2000/ WinXP and MacOS 9.2.1 / MacOS10.1
without additional driver
Plug-and-Play operation with Microsoft OS or MacOS default drivers
Compliant with USB specification v1.1
Compliant with USB audio device class specification v1.0
Supports USB full speed 12Mbits/s serial data transmission
USB bus powered operation
Supports suspend/resume and remote wake-up
6MHz crystal input with on-chip PLL and embedded transceiver for USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com