Electronic Components Datasheet Search
  English  ▼

X  

SN11113 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SN11113
Description  USB AUDIO CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11113 Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SN11113 Datasheet HTML 3Page - SONiX Technology Company SN11113 Datasheet HTML 4Page - SONiX Technology Company SN11113 Datasheet HTML 5Page - SONiX Technology Company SN11113 Datasheet HTML 6Page - SONiX Technology Company SN11113 Datasheet HTML 7Page - SONiX Technology Company SN11113 Datasheet HTML 8Page - SONiX Technology Company SN11113 Datasheet HTML 9Page - SONiX Technology Company SN11113 Datasheet HTML 10Page - SONiX Technology Company SN11113 Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SN11113 spec
7
VI.
Operating rating and electrical characteristics
6.1
Absolute maximum rating
symbol
Parameter
value
unit
Dvmin
min digital supply voltage
DGND – 0.3
V
Dvmax
max digital supply voltage
DGND + 4.6
V
Avmin
min analog supply voltage
AGND – 0.3
V
Avmax
max analog supply voltage
AGND + 4.6
V
Dvinout
voltage on any digital input or output
pin
DGND –0.3 to 5.5
V
Avinout
voltage on any analog input or output
pin
AGND –0.3 to Avdd + 0.3
V
Tstg
storage temperature range
-40 to +125
0C
ESD (HBM)
ESD human body mode
C=100pF, R=1.5K
Ω
5000
V
ESD (MM)
ESD machine mode
200
V
Ioff
Leakage current
10
uA
Ilatch
minimum latch up current
100
mA
6.2
Operation conditions
symbol
Parameter
value
unit
DVdd
digital supply voltage
+3 to +3.6
V
Avdd
analog supply voltage
+3 to +3.6
V
TA
operating ambient temperature range
0 to 70
0C
TJ
operating junction temperature range
0 to 115
0C
6.3
DC electrical characteristics
symbol
parameter
test condition
Value
unit
VDI
differential input sensitivity
| (D+) – (D-) |
0.2 (min)
V
VCM
differential common mode range
Included VDI
range
0.8 (min)
2.5 (max)
V
VSE
single ended receiver threshold
0.8 (min)
2.0 (max)
V
VIH
high level input voltage
2.0 (min)
V
VIL
low level input voltage
0.8 (max)
V
VOH
high level output voltage
IOH = -4 mA
2.3 (min)
V
VOL
low level output voltage
IOL= 4 mA
0.5 (max)
V
IIL
low level input current
VI = 0 V
RSTN pin :
- 50.0 (max)
the other pins :
- 3.0 (max)
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com