Electronic Components Datasheet Search
  English  ▼

X  

SN11113 Datasheet(PDF) 14 Page - SONiX Technology Company

Part # SN11113
Description  USB AUDIO CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11113 Datasheet(HTML) 14 Page - SONiX Technology Company

Back Button SN11113 Datasheet HTML 10Page - SONiX Technology Company SN11113 Datasheet HTML 11Page - SONiX Technology Company SN11113 Datasheet HTML 12Page - SONiX Technology Company SN11113 Datasheet HTML 13Page - SONiX Technology Company SN11113 Datasheet HTML 14Page - SONiX Technology Company SN11113 Datasheet HTML 15Page - SONiX Technology Company SN11113 Datasheet HTML 16Page - SONiX Technology Company SN11113 Datasheet HTML 17Page - SONiX Technology Company SN11113 Datasheet HTML 18Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SN11113 spec
14
AC’97 Codec registers default values
(1) iMAC mode
Address (HEX)
Name
Setting value
04
Alt. line output vol.
0000
2A
Ext. audio stat/control
0001
2C
PCM front DAC rate
AC44
1A
Record select
0000
1C
Record gain
0000
18
PCM out volume
0808
32
PCM LR ADC rate
AC44
10
Line in volume
8808
0E
Mic in volume
8008
(2) Headset (44.1K & Mixer) mode
Address (HEX)
Name
Setting value
04
Alt. line output vol.
0000
2A
Ext. audio stat/control
0001
2C
PCM front DAC rate
AC44
1A
Record select
0000
1C
Record gain
0000
18
PCM out volume
0808
32
PCM LR ADC rate
AC44
10
Line in volume
8808
0E
Mic in volume
0008
(3) The other modes
Address (HEX)
Name
Setting value
04
Alt. line output vol.
0000
2A
Ext. audio stat/control
0001
10
Line in volume
8808
1A
Record select
0000
1C
Record gain
0000
18
PCM out volume
0808
0E
Mic in volume
0008
EEPROM read sequence:
idVendor (MSB to LSB)
idProduct (MSB to LSB)
Control word
Programming reg address
Programming reg data
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com