Electronic Components Datasheet Search
  English  ▼

X  

SN11113 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SN11113
Description  USB AUDIO CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11113 Datasheet(HTML) 3 Page - SONiX Technology Company

  SN11113 Datasheet HTML 1Page - SONiX Technology Company SN11113 Datasheet HTML 2Page - SONiX Technology Company SN11113 Datasheet HTML 3Page - SONiX Technology Company SN11113 Datasheet HTML 4Page - SONiX Technology Company SN11113 Datasheet HTML 5Page - SONiX Technology Company SN11113 Datasheet HTML 6Page - SONiX Technology Company SN11113 Datasheet HTML 7Page - SONiX Technology Company SN11113 Datasheet HTML 8Page - SONiX Technology Company SN11113 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SN11113 spec
3
USB audio function topology has four input terminals, three output terminals, one selector
unit, one mixer unit, and six feature units
Alternate setting0 is a zero-bandwidth setting; used to release the claimed bandwidth on
the bus when this device is inactive
Isochronous transfer uses adaptive, synchronous and asynchronous synchronization
Supports AC’97 component specification v2.1 and v2.2; AC link interface for external
AC97 audio Codec
Compliant with USB HID class specification v1.1; pin control for volume up / down, play
mute, and record mute
Supports two wire series bus interface; slave only interface with transfer speed up to
400Kbps(Fast-mode)
EEPROM interface for customized USB IDs and Codec programming
3.3 V core operation and 5 V tolerant I/O
Available in 64-pin LQFP(10x10 mm)
System on chip solution: low cost and easy implementation without external memory
LED indicator pins for playback and recording mute
Features programmable by jumper pins
III.
Ordering information
SN11113F : 64-pin LQFP (10x10x1.4 mm)
IV.
Block diagram
-
CLK
generator
D+
D-
Memory
FIFO
EEPROM
interface
PLL
LEDN
Digital
receiver
S/PDIF O UT
S/PDIF IN
S/PDIF
decoder
AC'97 Controller
AC DIN
SC L
SDA
BITC LK
AC RS TN
AC SYNC
AC DO UT
CS
SK
DW
DR
Processor
MCU
interface
VO LUP
VO LDN
MUTEP
MUTER
PDSW
(TYPE0, TYPE1, TYPE2, TYPE3,
PLLEN, REC O RD)
HIDMUTER
M
U
X
User data bits
Preamble
Validity
Audio data
Channel status bits
Parity
Aux data
SO F
CMPC LK
XIAUD
XO AUD
USB
DPLL
XIUSB
XO USB
RS TN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com