Electronic Components Datasheet Search
  English  ▼

X  

SN11113 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SN11113
Description  USB AUDIO CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11113 Datasheet(HTML) 5 Page - SONiX Technology Company

  SN11113 Datasheet HTML 1Page - SONiX Technology Company SN11113 Datasheet HTML 2Page - SONiX Technology Company SN11113 Datasheet HTML 3Page - SONiX Technology Company SN11113 Datasheet HTML 4Page - SONiX Technology Company SN11113 Datasheet HTML 5Page - SONiX Technology Company SN11113 Datasheet HTML 6Page - SONiX Technology Company SN11113 Datasheet HTML 7Page - SONiX Technology Company SN11113 Datasheet HTML 8Page - SONiX Technology Company SN11113 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN11113 spec
5
4
TYPE2
I, ST
Product type setting pin2
5
RSTN
I, ST, PU
System reset pin, pull low to reset
6
PDSW
O, 4mA, SR
Power down switch control -- 0: normal mode, 1: power down mode
7
SOF
O, 4mA, SR
USB SOF (Start of Frame) pin provides 1KHz signal
8
VDD
P
Power pin
9
VSS
P
Power pin
10
NC
11
RVDD
P
Power pin for pad
12
SDA
I/O, 4mA, SR
IIC data pin for external MCU control
13
SCL
I, ST
IIC clock pin for external MCU control
14
RVSS
P
Power pin for pad
15
LEDN
O, 8mA, SR
LED indicator pin, output low after power on reset, toggle during operation
16
SPDIFI
I, ST
Input pin for SPDIF signal
17
MUTER
I, ST
Recording mute, edge trigger with 64ms de-bouncing circuit
18
XVDD1
P
Power pin for USB external crystal
19
XIUSB
I
6 MHz clock osc pin for USB PLL
20
XOUSB
O
6 MHz clock osc pin for USB PLL
21
XVSS1
P
Power pin for USB external crystal
22
VDD
P
Power pin
23
VSS
P
Power pin
24
DR
I, ST
EEPROM data input
Fixing this pin to H or L sets USB vendor ID to SONiX USB vendor ID (hex
0C45); PU or PD is used for different product ID
25
DW
O, 4mA, SR
EEPROM data output
26
SPDIFO
O, 8mA, SR
SPDIF data output
27
SK
O, 4mA, SR
EEPROM clock pin
28
RVDD
P
Power pin for pad
29
CS
O, 4mA, SR
EEPROM chip select
30
NC
31
NC
32
ACRSTN
O, 4mA, SR
AC’97 Codec reset
33
RECORD
I, ST
Recording function enable (=1)
34
NC
35
RVSS
P
Power pin for pad
36
BITCLK
O, 8mA, SR
AC’97 serial data clock
37
VOLUP
I, ST
Volume up control, edge trigger with 64ms de-bouncing circuit
38
ACSYNC
O, 4mA, SR
AC’97 Codec sync (48 kHz) signal
39
NC
40
ACDIN
I, ST
AC’97 Codec serial data input
41
VSS
P
Power pin
42
VDD
P
Power pin
43
XVSS2
P
Power pin for external crystal
44
XOAUD
O
12.288 MHz Crystal output
45
XIAUD
I, ST
12.288 MHz Crystal input / connected to PLL VCO output
46
XVDD2
P
Power pin for external crystal
47
RVSS
P
Power pin for pad
48
RVDD
P
Power pin for pad
49
TYPE3
I, ST
Product type setting pin3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com