Electronic Components Datasheet Search
  English  ▼

X  

SN11113 Datasheet(PDF) 11 Page - SONiX Technology Company

Part # SN11113
Description  USB AUDIO CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11113 Datasheet(HTML) 11 Page - SONiX Technology Company

Back Button SN11113 Datasheet HTML 7Page - SONiX Technology Company SN11113 Datasheet HTML 8Page - SONiX Technology Company SN11113 Datasheet HTML 9Page - SONiX Technology Company SN11113 Datasheet HTML 10Page - SONiX Technology Company SN11113 Datasheet HTML 11Page - SONiX Technology Company SN11113 Datasheet HTML 12Page - SONiX Technology Company SN11113 Datasheet HTML 13Page - SONiX Technology Company SN11113 Datasheet HTML 14Page - SONiX Technology Company SN11113 Datasheet HTML 15Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SN11113 spec
11
1: bused power (500mA)
1: bused power (500mA)
1: bused power (500mA)
1: bused power (500mA)
TYPE3
0: bused power (100mA)
0: bused power (100mA)
0: bused power (100mA)
0: bused power (100mA)
1: use PLL
1: use PLL
1: use PLL
1: use PLL
PLLEN
0:
use Crystal
0:
use Crystal
0:
use Crystal
0:
use Crystal
1: A recording source,
MIC & LINE (def = MIC)
1: A+D recording sources,
MIC & LINE & SPDIF
(def = MIC)
1: A recording source,
MIC & LINE (def = MIC)
1: A+D recording sources,
MIC & LINE & SPDIF
(def = MIC)
RECORD
0: none
0: none
0: none
0: none
0: MUTER button doesn't mute
monitor CH
0: MUTER button doesn't mute
monitor CH
0: MUTER button doesn't mute
monitor CH
0: MUTER button doesn't mute
monitor CH
ROMOPT
1: MUTER button will mute
monitor CH
1: MUTER button will mute
monitor CH
1: MUTER button will mute
monitor CH
1: MUTER button will mute
monitor CH
‘ROMOPT’ value is set by ‘DR’ pin when no EEPROM is mounted on the board. Pulling high or
pulling low at DR pin can set ‘ROMOPT’ value to be 1 or 0. When EEPROM is used on the
board, ‘ROMOPT’ is defined by USB product ID bit1.
SN11113 can adopt two type clock sources for internal logic. One is using external PLL and the
other is using external crystal. ‘PLLEN’ pin is used to define clock source. When using external
PLL, it can synchronize to the USB frame rate. If the USB audio device uses PLL as clock
source and enables USB HID function, it can convey AC-3 data stream by vendor specific
software when playing DVD on PC.
‘RECORD’ pin is used to enable recording function. When the USB audio device having
recording function is plugged into PC, there is a default recording source defined above table. If
‘RECORD’ pin is pulled down, then the USB audio device has no recording function.
7.2.2
button function
The SN11113 has four buttons to control playback and recording volume. It supports volume
up, volume down, play mute, and recording mute. Button function is only effective in analog
terminal. 1M pull-up resistors connected to 3.3V are recommended for these pins. It supports
remote wakeup from device. A device in the resume state may respond to pressing button event
by signaling a wakeup to PC via the USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com