Electronic Components Datasheet Search
  English  ▼

X  

RM48L540 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L540 Datasheet(HTML) 32 Page - Texas Instruments

Back Button RM48L540 Datasheet HTML 28Page - Texas Instruments RM48L540 Datasheet HTML 29Page - Texas Instruments RM48L540 Datasheet HTML 30Page - Texas Instruments RM48L540 Datasheet HTML 31Page - Texas Instruments RM48L540 Datasheet HTML 32Page - Texas Instruments RM48L540 Datasheet HTML 33Page - Texas Instruments RM48L540 Datasheet HTML 34Page - Texas Instruments RM48L540 Datasheet HTML 35Page - Texas Instruments RM48L540 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 152 page
background image
RM48L940
RM48L740
RM48L540
SPNS175
– SEPTEMBER 2011
www.ti.com
2.4.2.12 Embedded Trace Macrocell for Cortex-R4F CPU (ETM-R4F)
Table 2-33. Embedded Trace Macrocell for Cortex-R4F CPU (ETM-R4F)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
ETMTRACECLKIN/EXTCLKIN2
R9
Input
Pull Down
Fixed, 20uA
ETM Trace Clock Input
ETMTRACECLKOUT
R10
Output
Pull Down
-
ETM Trace Clock Output
ETMTRACECTL
R11
Output
Pull Down
-
ETM trace control
ETMDATA[0]
R12
ETM data
ETMDATA[01]
R13
ETMDATA[02]
J15
ETMDATA[03]
H15
ETMDATA[04]
G15
ETMDATA[05]
F15
ETMDATA[06]
E15
ETMDATA[07]
E14
ETMDATA[08]/EMIF_ADDR[5]
E9
ETMDATA[09]/EMIF_ADDR[4]
E8
ETMDATA[10]/EMIF_ADDR[3]
E7
ETMDATA[11]/EMIF_ADDR[2]
E6
ETMDATA[12]/EMIF_BA[0]
E13
ETMDATA[13]/EMIF_nOE
E12
ETMDATA[14]/EMIF_nDQM[1]
E11
ETMDATA[15]/EMIF_nDQM[0]
E10
ETMDATA[16]/EMIF_DATA[0]
K15
ETMDATA[17]/EMIF_DATA[1]
L15
ETMDATA[18]/EMIF_DATA[2]
M15
ETMDATA[19]/EMIF_DATA[3]
N15
ETMDATA[20]/EMIF_DATA[4]
E5
ETMDATA[21]/EMIF_DATA[5]
F5
ETMDATA[22]/EMIF_DATA[6]
G5
ETMDATA[23]/EMIF_DATA[7]
K5
ETMDATA[24]/EMIF_DATA[8]
L5
ETMDATA[25]/EMIF_DATA[9]
M5
ETMDATA[26]/EMIF_DATA[10]
N5
ETMDATA[27]/EMIF_DATA[11]
P5
ETMDATA[28]/EMIF_DATA[12]
R5
ETMDATA[29]/EMIF_DATA[13]
R6
ETMDATA[30]/EMIF_DATA[14]
R7
ETMDATA[31]/EMIF_DATA[15]
R8
32
Device Package and Terminal Functions
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com