Electronic Components Datasheet Search
  English  ▼

X  

RM48L540 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L540 Datasheet(HTML) 9 Page - Texas Instruments

Back Button RM48L540 Datasheet HTML 5Page - Texas Instruments RM48L540 Datasheet HTML 6Page - Texas Instruments RM48L540 Datasheet HTML 7Page - Texas Instruments RM48L540 Datasheet HTML 8Page - Texas Instruments RM48L540 Datasheet HTML 9Page - Texas Instruments RM48L540 Datasheet HTML 10Page - Texas Instruments RM48L540 Datasheet HTML 11Page - Texas Instruments RM48L540 Datasheet HTML 12Page - Texas Instruments RM48L540 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 152 page
background image
RM48L940
RM48L740
RM48L540
www.ti.com
SPNS175
– SEPTEMBER 2011
Table 1-2. Device ID Bit Allocation Register Field Descriptions
Bit
Field
Value
Description
31
CP15
Indicates the presence of coprocessor 15
1
CP15 present
30-17
UNIQUE ID
10101
Silicon version (revision) bits.
This bitfield holds a unique number for a dedicated device configuration (die).
16-13
TECH
Process technology on which the device is manufactured.
0101
F021
12
I/O VOLTAGE
I/O voltage of the device.
0
I/O are 3.3v
11
PERIPHERAL
Peripheral Parity
PARITY
1
Parity on peripheral memories
10-9
FLASH ECC
Flash ECC
10
Program memory with ECC
8
RAM ECC
Indicates if RAM memory ECC is present.
1
ECC implemented
7-3
REVISION
Revision of the Device.
2-0
101
The platform family ID is always 0b101
1.1.3.2
Die Identification Registers
The four die ID registers at addresses 0xFFFFE1F0, 0xFFFFE1F4, 0xFFFFE1F8 and FFFFE1FC form a
128-bit dieid with the information as shown in Table Table 1-3.
Table 1-3. Die-ID Registers
Item
# of Bits
Bit Location
X Coord. on Wafer
8
7..0
Y Coord. on Wafer
8
15..8
Wafer #
6
21..16
Lot #
24
45..22
Reserved
82
127..46
Copyright
© 2011, Texas Instruments Incorporated
Contents
9
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com