Electronic Components Datasheet Search
  English  ▼

X  

RM48L540 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L540 Datasheet(HTML) 64 Page - Texas Instruments

Back Button RM48L540 Datasheet HTML 60Page - Texas Instruments RM48L540 Datasheet HTML 61Page - Texas Instruments RM48L540 Datasheet HTML 62Page - Texas Instruments RM48L540 Datasheet HTML 63Page - Texas Instruments RM48L540 Datasheet HTML 64Page - Texas Instruments RM48L540 Datasheet HTML 65Page - Texas Instruments RM48L540 Datasheet HTML 66Page - Texas Instruments RM48L540 Datasheet HTML 67Page - Texas Instruments RM48L540 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 152 page
background image
f[MHz]
1.375
4.875
22
78
guaranteed fail
lower
threshold
guaranteed pass
upper
threshold
guaranteed fail
RM48L940
RM48L740
RM48L540
SPNS175
– SEPTEMBER 2011
www.ti.com
4.7
Clock Monitoring
The LPO Clock Detect (LPOCLKDET) module consists of a clock monitor (CLKDET) and an internal low
power oscillator (LPO).
The LPO provides two different clock sources
– a low frequency (CLK80K) and a high frequency
(CLK10M).
The CLKDET is a supervisor circuit for an externally supplied clock signal (OSCIN). In case the OSCIN
frequency falls out of a frequency window, the CLKDET flags this condition in the global status register
(GLBSTAT bit 0: OSC FAIL) and switches all clock domains sourced by OSCIN to the CLK10M clock (limp
mode clock).
The valid OSCIN frequency range is defined as: fCLK10M / 4 < fOSCIN < fCLK10M * 4.
4.7.1
Clock Monitor Timings
Table 4-15. LPO and Clock Detection
Parameter
MIN
Type
MAX
Unit
Clock Detection
oscillator fail frequency - lower threshold, using
1.375
2.4
4.875
MHz
untrimmed LPO output
oscillator fail frequency - higher threshold, using
22
38.4
78
MHz
untrimmed LPO output
LPO - HF oscillator
untrimmed frequency
5.5
9.6
19.5
MHz
startup time from STANDBY (LPO BIAS_EN High for
10
µs
at least 900ms)
cold startup time
900
µs
ICC, CLK10M and CLK80K active
150
µA
LPO - LF oscillator
untrimmed frequency
36
85
180
kHz
startup time from STANDBY (LPO BIAS_EN High for
100
µs
at least 900ms)
cold startup time
2000
µs
ICC, only CLK80K active
27
µA
LPO
total ICC STANDBY current
20
µA
Figure 4-8. LPO and Clock Detection, Untrimmed CLK10M
4.7.2
External Clock (ECLK) Output Functionality
The ECLK pin can be configured to output a pre-scaled clock signal indicative of an internal device clock.
This output can be externally monitored as a safety diagnostic.
4.7.3
Dual Clock Comparators
The Dual Clock Comparator (DCC) module determines the accuracy of selectable clock sources by
counting the pulses of two independent clock sources (counter 0 and counter 1). If one clock is out of
spec, an error signal is generated. For example, the DCC1 can be configured to use CLK10M as the
reference clock (for counter 0) and VCLK as the "clock under test" (for counter 1). This configuration
allows the DCC1 to monitor the PLL output clock when VCLK is using the PLL output as its source.
64
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com