Electronic Components Datasheet Search
  English  ▼

X  

RM48L540 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L540 Datasheet(HTML) 76 Page - Texas Instruments

Back Button RM48L540 Datasheet HTML 72Page - Texas Instruments RM48L540 Datasheet HTML 73Page - Texas Instruments RM48L540 Datasheet HTML 74Page - Texas Instruments RM48L540 Datasheet HTML 75Page - Texas Instruments RM48L540 Datasheet HTML 76Page - Texas Instruments RM48L540 Datasheet HTML 77Page - Texas Instruments RM48L540 Datasheet HTML 78Page - Texas Instruments RM48L540 Datasheet HTML 79Page - Texas Instruments RM48L540 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 152 page
background image
RM48L940
RM48L740
RM48L540
SPNS175
– SEPTEMBER 2011
www.ti.com
4.10.5 Flash Program and Erase Timings
Table 4-24. Timing Specifications for Flash
Parameter
MIN
NOM
MAX
Unit
tprog (144bit)
Wide Word (144bit) programming time
40
tbd
µs
tprog (Total)
3MByte programming time(1)
-40
°C to 125°C
tbd
s
0
°C to 60°C, for first
8
tbd
s
25 cycles
tprog (Total)
EEPROM Emulation 64kByte programming
-40
°C to 12°5C
tbd
ms
time(1)
0
°C to 60°C, for first
165
tbd
ms
25 cycles
terase (sector)
Sector erase time
-40
°C to 125°C
tbd
ms
0
°C to 60°C, for first
30
tbd
ms
25 cycles
terase (bank)
Bank erase time(2)
Flash Bank 0
300
tbd
ms
terase (bank)
Bank erase time(2)
Flash Bank 1
240
tbd
ms
terase (bank)
EEPROM Emulation Bank erase time(2)
Flash Bank 7
80
tbd
ms
twec
Write/erase cycles
Flash Bank 0
1000
cycles
Flash Bank 1
twec
Write/erase cycles
Flash Bank 7
100000
cycles
(1)
This programming time includes overhead of state machine, but does not include data transfer time.
(2)
Nominal conditions for the above specifications mean the first 25 program / erase cycles at an ambient temperature between 0c to 60c
76
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com