Electronic Components Datasheet Search
  English  ▼

X  

RM48L540 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L540 Datasheet(HTML) 46 Page - Texas Instruments

Back Button RM48L540 Datasheet HTML 42Page - Texas Instruments RM48L540 Datasheet HTML 43Page - Texas Instruments RM48L540 Datasheet HTML 44Page - Texas Instruments RM48L540 Datasheet HTML 45Page - Texas Instruments RM48L540 Datasheet HTML 46Page - Texas Instruments RM48L540 Datasheet HTML 47Page - Texas Instruments RM48L540 Datasheet HTML 48Page - Texas Instruments RM48L540 Datasheet HTML 49Page - Texas Instruments RM48L540 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 152 page
background image
tf
tr
VCCIO
VOH
VOH
VOL
VOL
0
Output
RM48L940
RM48L740
RM48L540
SPNS175
– SEPTEMBER 2011
www.ti.com
Table 3-4. Switching Characteristics for Output Timings versus Load Capacitance (CL) (continued)
Parameter
MIN
MAX
Unit
Rise time, tr
4mA low EMI pins
CL = 15 pF
5.6
ns
(see Table 3-2)
CL = 50 pF
10.4
CL = 100 pF
16.8
CL = 150 pF
23.2
Fall time, tf
CL = 15 pF
5.6
ns
CL= 50 pF
10.4
CL = 100 pF
16.8
CL = 150 pF
23.2
Rise time, tr
2mA-z low EMI pins
CL = 15 pF
8
ns
(see Table 3-2)
CL = 50 pF
15
CL = 100 pF
23
CL = 150 pF
33
Fall time, tf
CL = 15 pF
8
ns
CL = 50 pF
15
CL = 100 pF
23
CL = 150 pF
33
Rise time, tr
Selectable 8mA / 2mA-z
8mA mode
CL = 15 pF
2
ns
pins
CL = 50 pF
4
(see Table 3-2)
CL = 100 pF
8
CL = 150 pF
11
Fall time, tf
CL = 15 pF
2
ns
CL = 50 pF
4
CL = 100 pF
8
CL = 150 pF
11
Rise time, tr
2mA-z mode
CL = 15 pF
8
ns
CL = 50 pF
15
CL = 100 pF
23
CL = 150 pF
33
Fall time, tf
CL = 15 pF
8
ns
CL = 50 pF
15
CL = 100 pF
23
CL = 150 pF
33
Figure 3-3. CMOS-Level Outputs
Table 3-5. Timing Requirements for Outputs(1)
Parameter
MIN
MAX
UNIT
td(parallel_out)
Delay between low to high, or high to low transition of general-purpose output signals
5
ns
that can be configured by an application in parallel, e.g. all signals in a GIOA port, or
all N2HET1 signals, etc.
(1)
This specification does not account for any output buffer drive strength differences or any external capacitive loading differences. Check
Table 3-2 for output buffer drive strength information on each signal.
46
Device Operating Conditions
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com