Electronic Components Datasheet Search
  English  ▼

X  

RM48L540 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L540 Datasheet(HTML) 6 Page - Texas Instruments

Back Button RM48L540 Datasheet HTML 2Page - Texas Instruments RM48L540 Datasheet HTML 3Page - Texas Instruments RM48L540 Datasheet HTML 4Page - Texas Instruments RM48L540 Datasheet HTML 5Page - Texas Instruments RM48L540 Datasheet HTML 6Page - Texas Instruments RM48L540 Datasheet HTML 7Page - Texas Instruments RM48L540 Datasheet HTML 8Page - Texas Instruments RM48L540 Datasheet HTML 9Page - Texas Instruments RM48L540 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 152 page
background image
RM48L940
RM48L740
RM48L540
SPNS175
– SEPTEMBER 2011
www.ti.com
1
RM48Lx40 16/32-Bit RISC Flash Microcontroller
4.6
Clocks
.............................................. 56
............................................................... 1
4.7
Clock Monitoring
.................................... 64
1.1
Features
.............................................. 1
4.8
Glitch Filters
........................................ 66
1.2
Applications
.......................................... 2
4.9
Device Memory Map
................................ 67
4.10
Flash Memory
...................................... 74
1.3
Description
........................................... 3
4.11
Tightly-Coupled RAM Interface Module
............ 77
1.4
Functional Block Diagram
............................ 5
4.12
Parity Protection for Accesses to peripheral RAMs
1.1
Device Configuration
................................. 7
...................................................... 77
2
Device Package and Terminal Functions
......... 10
4.13
On-Chip SRAM Initialization and Testing
........... 79
2.2
PGE QFP Package Pinout (144-Pin)
............... 10
4.14
External Memory Interface (EMIF)
................. 81
2.3
ZWT BGA Package Ball-Map (337 Ball Grid Array)
4.15
Vectored Interrupt Manager
........................ 88
...................................................... 11
4.16
DMA Controller
..................................... 91
2.4
Terminal Functions
................................. 12
4.17
Real Time Interrupt Module
........................ 93
3
Device Operating Conditions
....................... 41
4.18
Error Signaling Module
............................. 95
3.1
Absolute Maximum Ratings Over Operating
4.19
Reset / Abort / Error Sources
....................... 99
Free-Air Temperature Range,
...................... 41
4.20
Digital Windowed Watchdog
...................... 101
3.2
Device Recommended Operating Conditions
...... 41
4.21
Debug Subsystem
................................. 102
3.3
Switching Characteristics over Recommended
5
Peripheral Information and Electrical
Operating Conditions for Clock Domains
........... 42
Specifications
......................................... 113
3.4
Wait States Required
............................... 42
5.1
Peripheral Legend
................................. 113
3.5
Power Consumption Over Recommended
5.2
Multi-Buffered 12bit Analog-to-Digital Converter
Operating Conditions
............................... 43
..................................................... 113
3.6
Input/Output Electrical Characteristics Over
5.3
General-Purpose Input/Output
.................... 122
Recommended Operating Conditions
.............. 44
5.4
Enhanced High-End Timer (N2HET)
.............. 123
3.7
Output Buffer Drive Strengths
...................... 44
5.5
Controller Area Network (DCAN)
.................. 127
3.8
Input Timings
....................................... 45
5.6
Local Interconnect Network Interface (LIN)
....... 128
3.9
Output Timings
..................................... 45
5.7
Serial Communication Interface (SCI)
............ 129
3.10
Low-EMI Output Buffers
............................ 47
5.8
Inter-Integrated Circuit (I2C)
...................... 130
5.9
Multi-Buffered / Standard Serial Peripheral Interface
4
System Information and Electrical Specifications
..................................................... 133
............................................................. 48
5.10
Ethernet Media Access Controller
................ 145
4.1
Device Power Domains
............................. 48
6
Mechanical Data
...................................... 148
4.2
Voltage Monitor Characteristics
.................... 49
6.1
Thermal Data
...................................... 148
4.3
Power Sequencing and Power On Reset
.......... 50
6.2
Packaging Information
............................ 148
4.4
Warm Reset (nRST)
................................ 52
4.5
ARM© Cortex-R4F
™ CPU Information
............. 53
6
Contents
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com