Electronic Components Datasheet Search
  English  ▼

X  

RM48L540 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L540 Datasheet(HTML) 41 Page - Texas Instruments

Back Button RM48L540 Datasheet HTML 37Page - Texas Instruments RM48L540 Datasheet HTML 38Page - Texas Instruments RM48L540 Datasheet HTML 39Page - Texas Instruments RM48L540 Datasheet HTML 40Page - Texas Instruments RM48L540 Datasheet HTML 41Page - Texas Instruments RM48L540 Datasheet HTML 42Page - Texas Instruments RM48L540 Datasheet HTML 43Page - Texas Instruments RM48L540 Datasheet HTML 44Page - Texas Instruments RM48L540 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 152 page
background image
RM48L940
RM48L740
RM48L540
www.ti.com
SPNS175
– SEPTEMBER 2011
3
Device Operating Conditions
3.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range,
(1)
VCC
(2)
-0.3 V to 1.43 V
Supply voltage range:
VCCIO, VCCP
(2)
-0.3 V to 4.1 V
VCCAD
-0.3 V to 5.5 V
Input voltage range:
All input pins
-0.3 V to 4.1 V
IIK (VI < 0 or VI > VCCIO)
±20 mA
All pins, except AD1IN[23:0] and AD2IN[15:0]
Input clamp current:
IIK (VI < 0 or VI > VCCAD)
±10 mA
AD1IN[23:0] and AD2IN[15:0]
Total
±40 mA
Operating free-air temperature range, TA:
-40
°C to 105°C
Operating junction temperature range, TJ:
-40
°C to 125°C
Storage temperature range, Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
maximum-rated conditions for extended periods may affect device reliability. All voltage values are with respect to their associated
grounds.
3.2
Device Recommended Operating Conditions
(1)
MIN
NOM
MAX
UNIT
VCC
Digital logic supply voltage (Core)
1.14
1.2
1.32
V
VCCPLL
PLL Supply Voltage
1.14
1.2
1.32
V
VCCIO
Digital logic supply voltage (I/O)
3
3.3
3.6
V
VCCAD
MibADC supply voltage
3
3.3
3.6
V
4.5
5.0
5.25
VCCP
Flash pump supply voltage
3
3.3
3.6
V
VSS
Digital logic supply ground
0
V
VSSAD
MibADC supply ground
-0.1
0.1
V
VADREFHI
A-to-D high-voltage reference source
VSSAD
VCCAD
V
VADREFLO
A-to-D low-voltage reference source
VSSAD
VCCAD
V
TA
Operating free-air temperature
-40
105
°C
TJ
Operating junction temperature
-40
150
°C
(1)
All voltages are with respect to VSS, except VCCAD, which is with respect to VSSAD
Copyright
© 2011, Texas Instruments Incorporated
Device Operating Conditions
41
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com