Electronic Components Datasheet Search
  English  ▼

X  

RM48L540 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L540 Datasheet(HTML) 86 Page - Texas Instruments

Back Button RM48L540 Datasheet HTML 82Page - Texas Instruments RM48L540 Datasheet HTML 83Page - Texas Instruments RM48L540 Datasheet HTML 84Page - Texas Instruments RM48L540 Datasheet HTML 85Page - Texas Instruments RM48L540 Datasheet HTML 86Page - Texas Instruments RM48L540 Datasheet HTML 87Page - Texas Instruments RM48L540 Datasheet HTML 88Page - Texas Instruments RM48L540 Datasheet HTML 89Page - Texas Instruments RM48L540 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 152 page
background image
RM48L940
RM48L740
RM48L540
SPNS175
– SEPTEMBER 2011
www.ti.com
Table 4-28. EMIF Asynchronous Memory Switching Characteristics(1)(2)(3) (continued)
NO
Parameter
Value
Unit
MIN
NOM
MAX
Output hold time, EMIFnWE
-3
0
+3
ns
high to EMIFCS[4:2] high (SS =
1)
18
tsu(EMDQMV-EMWEL)
Output setup time, EMIFBA[1:0]
(WS)*E-3
(WS)*E
(WS)*E+3
ns
valid to EMIFnWE low
19
th(EMWEH-EMDQMIV)
Output hold time, EMIFnWE
(WH)*E-3
(WH)*E
(WH)*E+3
ns
high to EMIFBA[1:0] invalid
20
tsu(EMBAV-EMWEL)
Output setup time, EMIFBA[1:0]
(WS)*E-3
(WS)*E
(WS)*E+3
ns
valid to EMIFnWE low
21
th(EMWEH-EMBAIV)
Output hold time, EMIFnWE
(WH)*E-3
(WH)*E
(WH)*E+3
ns
high to EMIFBA[1:0] invalid
22
tsu(EMAV-EMWEL)
Output setup time,
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMIFADDR[21:0] valid to
EMIFnWE low
23
th(EMWEH-EMAIV)
Output hold time, EMIFnWE
(WH)*E-3
(WH)*E
(WH)*E+3
ns
high to EMIFADDR[21:0] invalid
24
tw(EMWEL)
EMIFnWE active low width (EW
(WST)*E-3
(WST)*E
(WST)*E+3
ns
= 0)
EMIFnWE active low width (EW
(WST+(EWC*1
(WST+(EWC*1
(WST+(EWC*1
ns
= 1)
6)) *E-3
6))*E
6)) *E+3
25
td(EMWAITH-EMWEH)
Delay time from EMIFnWAIT
3E-3
4E
4E+3
ns
deasserted to EMIFnWE high
26
tsu(EMDV-EMWEL)
Output setup time,
(WS)*E-3
(WS)*E
(WS)*E+3
ns
EMIFDATA[15:0] valid to
EMIFnWE low
27
th(EMWEH-EMDIV)
Output hold time, EMIFnWE
(WH)*E-3
(WH)*E
(WH)*E+3
ns
high to EMIFDATA[15:0] invalid
Table 4-29. EMIF Synchronous Memory Timing Requirements
NO.
Parameter
MIN
MAX
Unit
19
tsu(EMIFDV-EM_CLKH)
Input setup time, read data valid on
1
ns
EMIFDATA[15:0] before EMIF_CLK
rising
20
th(CLKH-DIV)
Input hold time, read data valid on
1.5
ns
EMIFDATA[15:0] after EMIF_CLK
rising
Table 4-30. EMIF Synchronous Memory Switching Characteristics
NO.
Parameter
MIN
MAX
Unit
1
tc(CLK)
Cycle time, EMIF clock EMIF_CLK
15
ns
2
tw(CLK)
Pulse width, EMIF clock EMIF_CLK
5
ns
high or low
3
td(CLKH-CSV)
Delay time, EMIF_CLK rising to
7
ns
EMIFnCS[0] valid
4
toh(CLKH-CSIV)
Output hold time, EMIF_CLK rising to
1
ns
EMIFnCS[0] invalid
5
td(CLKH-DQMV)
Delay time, EMIF_CLK rising to
7
ns
EMIFnDQM[1:0] valid
6
toh(CLKH-DQMIV)
Output hold time, EMIF_CLK rising to
1
ns
EMIFnDQM[1:0] invalid
7
td(CLKH-AV)
Delay time, EMIF_CLK rising to
7
ns
EMIFADDR[21:0] and EMIFBA[1:0]
valid
86
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com