Electronic Components Datasheet Search
  English  ▼

X  

LPC178X Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC178X
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC178X Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC178X Datasheet HTML 14Page - NXP Semiconductors LPC178X Datasheet HTML 15Page - NXP Semiconductors LPC178X Datasheet HTML 16Page - NXP Semiconductors LPC178X Datasheet HTML 17Page - NXP Semiconductors LPC178X Datasheet HTML 18Page - NXP Semiconductors LPC178X Datasheet HTML 19Page - NXP Semiconductors LPC178X Datasheet HTML 20Page - NXP Semiconductors LPC178X Datasheet HTML 21Page - NXP Semiconductors LPC178X Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
18 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P1[16]
180
D10
B8
125
[3]
I;
PU
I/O
P1[16] — General purpose digital input/output pin.
O
ENET_MDC — Ethernet MIIM clock.
O
I2S_TX_MCLK — I2S transmit master clock.
P1[17]
178
A9
C9
123
[3]
I;
PU
I/O
P1[17] — General purpose digital input/output pin.
I/O
ENET_MDIO — Ethernet MIIM data input and output.
O
I2S_RX_MCLK — I2S receive master clock.
P1[18]
66
P7
L5
46
[3]
I;
PU
I/O
P1[18] — General purpose digital input/output pin.
O
USB_UP_LED1 — It is LOW when the device is configured
(non-control endpoints enabled), or when the host is enabled
and has detected a device on the bus. It is HIGH when the
device is not configured, or when host is enabled and has not
detected a device on the bus, or during global suspend. It
transitions between LOW and HIGH (flashes) when the host is
enabled and detects activity on the bus.
O
PWM1[1] — Pulse Width Modulator 1, channel 1 output.
I
T1_CAP0 — Capture input for Timer 1, channel 0.
-
R — Function reserved.
I/O
SSP1_MISO — Master In Slave Out for SSP1.
P1[19]
68
U6
P5
47
[3]
I;
PU
I/O
P1[19] — General purpose digital input/output pin.
O
USB_TX_E1 — Transmit Enable signal for USB port 1 (OTG
transceiver).
O
USB_PPWR1 — Port Power enable signal for USB port 1.
I
T1_CAP1 — Capture input for Timer 1, channel 1.
O
MC_0A — Motor control PWM channel 0, output A.
I/O
SSP1_SCK — Serial clock for SSP1.
O
U2_OE — RS-485/EIA-485 output enable signal for UART2.
P1[20]
70
U7
K6
49
[3]
I;
PU
I/O
P1[20] — General purpose digital input/output pin.
O
USB_TX_DP1 — D+ transmit data for USB port 1 (OTG
transceiver).
O
PWM1[2] — Pulse Width Modulator 1, channel 2 output.
I
QEI_PHA — Quadrature Encoder Interface PHA input.
I
MC_FB0 — Motor control PWM channel 0 feedback input.
I/O
SSP0_SCK — Serial clock for SSP0.
O
LCD_VD[6] — LCD data.
O
LCD_VD[10] — LCD data.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com