Electronic Components Datasheet Search
  English  ▼

X  

LPC178X Datasheet(PDF) 82 Page - NXP Semiconductors

Part # LPC178X
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC178X Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button LPC178X Datasheet HTML 78Page - NXP Semiconductors LPC178X Datasheet HTML 79Page - NXP Semiconductors LPC178X Datasheet HTML 80Page - NXP Semiconductors LPC178X Datasheet HTML 81Page - NXP Semiconductors LPC178X Datasheet HTML 82Page - NXP Semiconductors LPC178X Datasheet HTML 83Page - NXP Semiconductors LPC178X Datasheet HTML 84Page - NXP Semiconductors LPC178X Datasheet HTML 85Page - NXP Semiconductors LPC178X Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
82 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
11.2 External memory interface
Table 17.
Dynamic characteristics: Static external memory interface
CL =10 pF, Tamb = 40 C to 85 C, VDD(3V3) = 3.0 V to 3.6 V. Values guaranteed by design.
Symbol
Parameter[1]
Conditions[1]
Min
Max
Unit
Read cycle parameters[2]
tCSLAV
CS LOW to address valid
time
RD1
1.4
2.5
ns
tCSLOEL
CS LOW to OE LOW time
RD2
[3] 1.3 + Tcy(clk)  WAITOEN 2.5 + Tcy(clk)  WAITOEN ns
tCSLBLSL
CS LOW to BLS LOW time
RD3; PB = 1
[3] 1.5
3.0
ns
tOELOEH
OE LOW to OE HIGH time
RD4
[3] (WAITRD
 WAITOEN +
1)
 T
cy(clk)  1.0
(WAITRD
 WAITOEN +
1)
 T
cy(clk)  1.6
ns
tam
memory access time
RD5
[4]
[3]
(WAITRD
WAITOEN +1)
T
cy(clk)
7.2
(WAITRD
WAITOEN +1)
Tcy(clk)  15.5
ns
th(D)
data input hold time
RD6
[5]
[3]
0.1
0.1
ns
tCSHBLSH
CS HIGH to BLS HIGH time PB = 1
1.5
3.0
ns
tCSHOEH
CS HIGH to OE HIGH time
[3] 1.3
2.5
ns
tOEHANV
OE HIGH to address invalid
time
[3] 0.09
0.13
ns
tdeact
deactivation time
RD7
[3]
1.4
2.5
ns
Write cycle parameters[2]
tCSLAV
CS LOW to address valid
time
WR1
1.4
2.5
ns
tCSLDV
CS LOW to data valid time
WR2
1.5
2.9
ns
tCSLWEL
CS LOW to WE LOW time
WR3; PB =1
[3] 1.4 + Tcy(clk)
(1 + WAITWEN)
2.5 + Tcy(clk)
(1 + WAITWEN)
ns
tCSLBLSL
CS LOW to BLS LOW time
WR4; PB = 1
[3] 3.0
3.0
ns
tWELWEH
WE LOW to WE HIGH time
WR5; PB =1
[3] (WAITWR
 WAITWEN +
1)
 T
cy(clk)  1.0
(WAITWR
 WAITWEN +
1)
 T
cy(clk)  1.7
ns
tBLSLBLSH
BLS LOW to BLS HIGH time
PB = 1
[3] (WAITWR
 WAITWEN +
3)
 T
cy(clk)  1.4
(WAITWR
 WAITWEN +
3)
 T
cy(clk)  2.7
ns
tWEHDNV
WE HIGH to data invalid
time
WR6; PB =1
[3] 1.2 + Tcy(clk)
2.1 + Tcy(clk)
ns
tWEHEOW
WE HIGH to end of write
time
WR7; PB = 1
[6]
[3]
<tbd> + Tcy(clk)
<tbd> + Tcy(clk)
ns
tBLSHDNV
BLS HIGH to data invalid
time
PB = 1
1.4
2.7
ns
tWEHANV
WE HIGH to address invalid
time
PB = 1
[3] 1 + Tcy(clk)
1.7 + Tcy(clk)
ns
tdeact
deactivation time
WR8; PB = 0;
PB = 1
[3]
1.4
2.5
ns
tCSLBLSL
CS LOW to BLS LOW
WR9; PB = 0
[3] 3.0 + Tcy(clk)
(1 + WAITWEN)
3.0 + Tcy(clk)
(1 + WAITWEN)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com