Electronic Components Datasheet Search
  English  ▼

X  

LPC178X Datasheet(PDF) 75 Page - NXP Semiconductors

Part # LPC178X
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC178X Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button LPC178X Datasheet HTML 71Page - NXP Semiconductors LPC178X Datasheet HTML 72Page - NXP Semiconductors LPC178X Datasheet HTML 73Page - NXP Semiconductors LPC178X Datasheet HTML 74Page - NXP Semiconductors LPC178X Datasheet HTML 75Page - NXP Semiconductors LPC178X Datasheet HTML 76Page - NXP Semiconductors LPC178X Datasheet HTML 77Page - NXP Semiconductors LPC178X Datasheet HTML 78Page - NXP Semiconductors LPC178X Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
75 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
10.1 Power consumption
Conditions: BOD disabled.
Fig 9.
Deep-sleep mode: Typical regulator supply current IDD(REG)(3V3) versus
temperature
Conditions: BOD disabled.
Fig 10. Power-down mode: Typical regulator supply current IDD(REG)(3V3) versus
temperature
temperature (°C)
-40
85
35
10
60
-15
002aah051
0.7
1.1
1.5
0.3
VDD(REG)(3V3) = 3.6 V
3.3 V
3.0 V
2.4 V
IDD(REG)(3V3)
(mA)
temperature (°C)
-40
85
35
10
60
-15
002aah052
300
600
900
0
VDD(REG)(3V3) = 3.6 V
3.3 V
3.0 V
2.4 V
IDD(REG)(3V3)
(μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com