Electronic Components Datasheet Search
  English  ▼

X  

LPC178X Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC178X
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC178X Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC178X Datasheet HTML 36Page - NXP Semiconductors LPC178X Datasheet HTML 37Page - NXP Semiconductors LPC178X Datasheet HTML 38Page - NXP Semiconductors LPC178X Datasheet HTML 39Page - NXP Semiconductors LPC178X Datasheet HTML 40Page - NXP Semiconductors LPC178X Datasheet HTML 41Page - NXP Semiconductors LPC178X Datasheet HTML 42Page - NXP Semiconductors LPC178X Datasheet HTML 43Page - NXP Semiconductors LPC178X Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
40 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
7.
Functional description
7.1 Architectural overview
The ARM Cortex-M3 includes three AHB-Lite buses: the system bus, the I-code bus, and
the D-code bus. The I-code and D-code core buses are faster than the system bus and
are used similarly to Tightly Coupled Memory (TCM) interfaces: one bus dedicated for
instruction fetch (I-code) and one bus for data access (D-code). The use of two core
buses allows for simultaneous operations if concurrent operations target different devices.
Row J
1
RESET
2
RTCX1
3
RTCX2
4
P0[12]
5
P0[13]
6
-
7
-
8
-
9
-
10
P0[19]
11
P4[8]
12
P0[17]
13
P0[18]
14
VDD(3V3)
--
Row K
1
VBAT
2
P1[31]
3
P1[30]
4
XTAL2
5
P0[29]
6
P1[20]
7
P3[26]
8
VDD(3V3)
9
P4[3]
10
P4[6]
11
P0[21]
12
P4[7]
13
P4[26]
14
P0[20]
-
-
Row L
1
P2[29]
2
XTAL1
3
P0[27]
4
VDD(3V3)
5
P1[18]
6
P4[0]
7
P1[25]
8
VSSREG
9VSS
10
P0[10]
11
VDD(3V3)
12
P5[2]
13
VSS
14
P0[22]
-
-
Row M
1
P0[28]
2
P2[28]
3
P3[25]
4
P3[23]
5
P0[14]
6
P1[22]
7
P4[1]
8
P4[2]
9
P1[27]
10
P0[0]
11
P2[13]
12
P2[11]
13
P2[10]
14
P4[19]
-
-
Row N
1
P0[31]
2
USB_D-2
3
P3[24]
4
P0[30]
5
P2[19]
6
P1[21]
7
P1[23]
8
P2[21]
9VDD(REG)(3V3)
10
P1[29]
11
P0[1]
12
P4[16]
13
P4[17]
14
P2[12]
-
-
Row P
1
P2[24]
2
P2[25]
3
P2[18]
4
VSS
5
P1[19]
6
P2[20]
7
P1[24]
8
P1[26]
9
P2[16]
10
P1[28]
11
P2[17]
12
P0[11]
13
P4[4]
14
P4[18]
-
-
Table 5.
Pin allocation table TFBGA180
Not all functions are available on all parts. See Table 2 and Table 7 (EMC pins).
Ball
Symbol
Ball Symbol
Ball
Symbol
Ball
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com