Electronic Components Datasheet Search
  English  ▼

X  

LPC178X Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC178X
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC178X Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC178X Datasheet HTML 28Page - NXP Semiconductors LPC178X Datasheet HTML 29Page - NXP Semiconductors LPC178X Datasheet HTML 30Page - NXP Semiconductors LPC178X Datasheet HTML 31Page - NXP Semiconductors LPC178X Datasheet HTML 32Page - NXP Semiconductors LPC178X Datasheet HTML 33Page - NXP Semiconductors LPC178X Datasheet HTML 34Page - NXP Semiconductors LPC178X Datasheet HTML 35Page - NXP Semiconductors LPC178X Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
32 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
P4[29]
176
B10
B9
122
[3]
I;
PU
I/O
P4[29] — General purpose digital input/output pin.
O
EMC_BLS3 — LOW active Byte Lane select signal 3.
I
U3_RXD — Receiver input for UART3.
O
T2_MAT1 — Match output for Timer 2, channel 1.
I/O
I2C2_SCL — I2C2 clock input/output (this pin does not use a
specialized I2C pad).
O
LCD_VD[7] — LCD data.
O
LCD_VD[11] — LCD data.
O
LCD_VD[3] — LCD data.
P4[30]
187
B7
C7
130
[3]
I;
PU
I/O
P4[30] — General purpose digital input/output pin.
O
EMC_CS0 — LOW active Chip Select 0 signal.
P4[31]
193
A4
E7
134
[3]
I;
PU
I/O
P4[31] — General purpose digital input/output pin.
O
EMC_CS1 — LOW active Chip Select 1 signal.
P5[0] to P5[4]
I/O
Port 5: Port 5 is a 5-bit I/O port with individual direction controls
for each bit. The operation of port 5 pins depends upon the pin
function selected via the pin connect block.
P5[0]
9
F4
E5
6
[3]
I;
PU
I/O
P5[0] — General purpose digital input/output pin.
I/O
EMC_A[24] — External memory address line 24.
I/O
SSP2_MOSI — Master Out Slave In for SSP2.
O
T2_MAT2 — Match output for Timer 2, channel 2.
P5[1]
30
J4
H1
21
[3]
I;
PU
I/O
P5[1] — General purpose digital input/output pin.
I/O
EMC_A[25] — External memory address line 25.
I/O
SSP2_MISO — Master In Slave Out for SSP2.
O
T2_MAT3 — Match output for Timer 2, channel 3.
P5[2]
117
L14
L12
81
[11]
I
I/O
P5[2] — General purpose digital input/output pin.
-
R — Function reserved.
-
R — Function reserved.
O
T3_MAT2 — Match output for Timer 3, channel 2.
-
R — Function reserved.
I/O
I2C0_SDA — I2C0 data input/output (this pin uses a specialized
I2C pad that supports I2C Fast Mode Plus).
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com