Electronic Components Datasheet Search
  English  ▼

X  

LPC178X Datasheet(PDF) 72 Page - NXP Semiconductors

Part # LPC178X
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC178X Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button LPC178X Datasheet HTML 68Page - NXP Semiconductors LPC178X Datasheet HTML 69Page - NXP Semiconductors LPC178X Datasheet HTML 70Page - NXP Semiconductors LPC178X Datasheet HTML 71Page - NXP Semiconductors LPC178X Datasheet HTML 72Page - NXP Semiconductors LPC178X Datasheet HTML 73Page - NXP Semiconductors LPC178X Datasheet HTML 74Page - NXP Semiconductors LPC178X Datasheet HTML 75Page - NXP Semiconductors LPC178X Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
72 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
10. Static characteristics
Table 13.
Static characteristics
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Supply pins
VDD(3V3)
supply voltage (3.3 V)
external rail
[2] 2.4
3.3
3.6
V
VDD(REG)(3V3)
regulator supply voltage
(3.3 V)
2.4
3.3
3.6
V
VDDA
analog 3.3 V pad supply
voltage
2.7
3.3
3.6
V
Vi(VBAT)
input voltage on pin
VBAT
[3] 2.1
3.0
3.6
V
Vi(VREFP)
input voltage on pin
VREFP
2.7
3.3
VDDA
V
IDD(REG)(3V3)
regulator supply current
(3.3 V)
active mode; code
while(1){}
executed from flash; all
peripherals disabled
PCLK = CCLK/4
CCLK = 12 MHz; PLL
disabled
[4][5] -7
-mA
CCLK = 120 MHz; PLL
enabled
[4][6] -51
-mA
active mode; code
while(1){}
executed from flash; all
peripherals enabled;
PCLK = CCLK/4
CCLK = 12 MHz; PLL
disabled
[4][5]
14
CCLK = 120 MHz; PLL
enabled
[4][6]
100
mA
Sleep mode
[4][7] -5
-mA
Deep-sleep mode
[4][8] -550
-
A
Power-down mode
[4][8] -280
-
A
Deep power-down mode;
Vi(VBAT) = 0 V
[4][9] -<tbd>
-
A
IBAT
battery supply current
RTC running;
part powered down;
VDD(REG)(3V3) =0 V;
Vi(VBAT) = 3.0 V;
VDD(3V3) = 0 V.
[10] -
1-
A
part powered;
VDD(REG)(3V3) = 3.3 V;
Vi(VBAT) = 3.0 V
[11]
<10
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com