Electronic Components Datasheet Search
  English  ▼

X  

LPC178X Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC178X
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC178X Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC178X Datasheet HTML 5Page - NXP Semiconductors LPC178X Datasheet HTML 6Page - NXP Semiconductors LPC178X Datasheet HTML 7Page - NXP Semiconductors LPC178X Datasheet HTML 8Page - NXP Semiconductors LPC178X Datasheet HTML 9Page - NXP Semiconductors LPC178X Datasheet HTML 10Page - NXP Semiconductors LPC178X Datasheet HTML 11Page - NXP Semiconductors LPC178X Datasheet HTML 12Page - NXP Semiconductors LPC178X Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
9 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
6.2 Pin description
I/O pins on the LPC178x/7x are 5 V tolerant and have input hysteresis unless otherwise
indicated in the table below. Crystal pins, power pins, and reference voltage pins are not
5 V tolerant. In addition, when pins are selected to be ADC inputs, they are no longer 5 V
tolerant and the input voltage must be limited to the voltage at the ADC positive reference
pin (VREFP).
All port pins Pn[m] are multiplexed, and the multiplexed functions appear in Table 3 in the
order defined by the FUNC bits of the corresponding IOCON register up to the highest
used function number. Each port pin can support up to eight multiplexed functions.
IOCON register FUNC values which are reserved are noted as ‘R’ in the pin configuration
table.
Fig 4.
Pin configuration (TFBGA180)
Fig 5.
Pin configuration (LQFP144)
002aaf519
LPC178x/7x
2
4
6
8
10
12 13 14
13579
11
ball A1
index area
P
N
M
L
K
J
G
E
H
F
D
C
B
A
Transparent top view
LPC178x/7x
108
73
1
36
002aaf520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com