| Electronic Components Datasheet Search |
|
LPC178X Datasheet(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC178X Datasheet(HTML) 12 Page - NXP Semiconductors |
|
12 / 120 page ![]() LPC178X_7X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary data sheet Rev. 4 — 1 May 2012 12 of 120 NXP Semiconductors LPC178x/7x 32-bit ARM Cortex-M3 microcontroller P0[8] 160 A15 C12 111 [4] I; IA I/O P0[8] — General purpose digital input/output pin. I/O I2S_TX_WS — I2S Transmit word select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. I/O SSP1_MISO — Master In Slave Out for SSP1. O T2_MAT2 — Match output for Timer 2, channel 2. I RTC_EV1 — Event input 1 to Event Monitor/Recorder. - R — Function reserved. - R — Function reserved. O LCD_VD[16] — LCD data. P0[9] 158 C14 A13 109 [4] I; IA I/O P0[9] — General purpose digital input/output pin. I/O I2S_TX_SDA — I2S transmit data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. I/O SSP1_MOSI — Master Out Slave In for SSP1. O T2_MAT3 — Match output for Timer 2, channel 3. I RTC_EV2 — Event input 2 to Event Monitor/Recorder. - R — Function reserved. - R — Function reserved. O LCD_VD[17] — LCD data. P0[10] 98 T15 L10 69 [3] I; PU I/O P0[10] — General purpose digital input/output pin. O U2_TXD — Transmitter output for UART2. I/O I2C2_SDA — I2C2 data input/output (this pin does not use a specialized I2C pad). O T3_MAT0 — Match output for Timer 3, channel 0. P0[11] 100 R14 P12 70 [3] I; PU I/O P0[11] — General purpose digital input/output pin. I U2_RXD — Receiver input for UART2. I/O I2C2_SCL — I2C2 clock input/output (this pin does not use a specialized I2C pad). O T3_MAT1 — Match output for Timer 3, channel 1. P0[12] 41 R1 J4 29 [5] I; PU I/O P0[12] — General purpose digital input/output pin. O USB_PPWR2 — Port Power enable signal for USB port 2. I/O SSP1_MISO — Master In Slave Out for SSP1. I ADC0_IN[6] — A/D converter 0, input 6. When configured as an ADC input, the digital function of the pin must be disabled. Table 3. Pin description …continued Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC pins). Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |