Electronic Components Datasheet Search
  English  ▼

X  

LPC178X Datasheet(PDF) 98 Page - NXP Semiconductors

Part # LPC178X
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC178X Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button LPC178X Datasheet HTML 94Page - NXP Semiconductors LPC178X Datasheet HTML 95Page - NXP Semiconductors LPC178X Datasheet HTML 96Page - NXP Semiconductors LPC178X Datasheet HTML 97Page - NXP Semiconductors LPC178X Datasheet HTML 98Page - NXP Semiconductors LPC178X Datasheet HTML 99Page - NXP Semiconductors LPC178X Datasheet HTML 100Page - NXP Semiconductors LPC178X Datasheet HTML 101Page - NXP Semiconductors LPC178X Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 120 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 1 May 2012
98 of 120
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
14. Application information
14.1 Suggested USB interface solutions
Remark: The USB controller is available as a device/Host/OTG controller on parts
LPC1788/87/86/85 and LPC1778/77/76 and as device-only controller on parts LPC1774.
Fig 30. USB interface on a self-powered device
LPC17xx
USB-B
connector
USB_D+
USB_CONNECT
SoftConnect switch
USB_D
−
VBUS
VSS
VDD(3V3)
R1
1.5 k
Ω
RS = 33 Ω
002aad939
RS = 33 Ω
USB_UP_LED
Fig 31. USB interface on a bus-powered device
LPC17xx
VDD(3V3)
R1
1.5 k
Ω
R2
USB_UP_LED
002aad940
USB-B
connector
USB_D+
USB_D
−
VBUS
VSS
RS = 33 Ω
RS = 33 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com