Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 32 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 32 Page - SPANSION

Back Button S29CD032J Datasheet HTML 28Page - SPANSION S29CD032J Datasheet HTML 29Page - SPANSION S29CD032J Datasheet HTML 30Page - SPANSION S29CD032J Datasheet HTML 31Page - SPANSION S29CD032J Datasheet HTML 32Page - SPANSION S29CD032J Datasheet HTML 33Page - SPANSION S29CD032J Datasheet HTML 34Page - SPANSION S29CD032J Datasheet HTML 35Page - SPANSION S29CD032J Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
32
S29CD-J and S29CL-J Flash Family
S29CD-J_CL-J_00_B7 October 11, 2012
Da ta
Sh e e t
8.7.1
Programming
Programming is a four-bus-cycle operation. The program command sequence is initiated by writing two
unlock write cycles, followed by the program setup command. The program address and data are written
next, which in turn initiate the Embedded Program algorithm. The system is not required to provide further
controls or timings. The device automatically generates the program pulses and verifies the programmed cell
margin. Command Definitions on page 75 shows the address and data requirements for the program
command sequence.
Note the following:
 When the Embedded Program algorithm is complete, the device returns to the read mode and address are
no longer latched. An address change is required to begin reading valid array data.
 The system can determine the status of the program operation by using DQ7, DQ6 or RY/BY#. Refer to
Write Operation Status on page 36 for information on these status bits.
 A “0” cannot be programmed back to a “1.” Attempting to do so may halt the operation and set DQ5 to 1, or
cause the Data# Polling algorithm to indicate the operation was successful. A succeeding read shows that
the data is still “0.” Only erase operations can convert a “0” to a “1.”
 Any commands written to the device during the Embedded Program Algorithm are ignored except the
Program Suspend command.
 A hardware reset immediately terminates the program operation; the program command sequence should
be re-initiated once the device has returned to the read mode, to ensure data integrity.
 For the 32Mb S29CD-J and S29CL-J devices only:
Please refer to the application note “Recommended Mode of Operation for Spansion® 110 nm
S29CD032J/S29CL032J Flash Memory” publication number S29CD-CL032J_Recommend_AN for
programming best practices.
Figure 8.5 Program Operation
Note
See Table 19.1 and Table 20.2 for program command sequence.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com