Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 16 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 16 Page - SPANSION

Back Button S29CD032J Datasheet HTML 12Page - SPANSION S29CD032J Datasheet HTML 13Page - SPANSION S29CD032J Datasheet HTML 14Page - SPANSION S29CD032J Datasheet HTML 15Page - SPANSION S29CD032J Datasheet HTML 16Page - SPANSION S29CD032J Datasheet HTML 17Page - SPANSION S29CD032J Datasheet HTML 18Page - SPANSION S29CD032J Datasheet HTML 19Page - SPANSION S29CD032J Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
16
S29CD-J and S29CL-J Flash Family
S29CD-J_CL-J_00_B7 October 11, 2012
Da ta
Sh e e t
5.5
LAA080–80-ball Fortified Ball Grid Array (13 x 11 mm) Physical Dimensions
3214\38.12C
PACKAGE
LAA 080
JEDEC
N/A
13.00 x 11.00 mm
NOTE
PACKAGE
SYMBOL
MIN
NOM
MAX
A
--
--
1.40
PROFILE HEIGHT
A1
0.40
--
--
STANDOFF
A2
0.60
--
--
BODY THICKNESS
D
13.00 BSC.
BODY SIZE
E
11.00 BSC.
BODY SIZE
D1
9.00 BSC.
MATRIX FOOTPRINT
E1
7.00 BSC.
MATRIX FOOTPRINT
MD
10
MATRIX SIZE D DIRECTION
ME
8
MATRIX SIZE E DIRECTION
N
80
BALL COUNT
φb
0.50
0.60
0.70
BALL DIAMETER
eD
1.00 BSC.
BALL PITCH - D DIRECTION
eE
1.00 BSC.
BALL PITCH - E DIRECTION
SD/SE
0.50 BSC
SOLDER BALL PLACEMENT
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010
(EXCEPT AS NOTED).
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL ROW MATRIX SIZE IN THE "D"
DIRECTION. SYMBOL "ME" IS THE BALL COLUMN MATRIX
SIZE IN THE "E" DIRECTION. N IS THE TOTAL NUMBER OF
SOLDER BALLS.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW. WHEN THERE IS AN ODD NUMBER
OF SOLDER BALLS IN THE OUTER ROW PARALLEL TO THE D
OR E DIMENSION, RESPECTIVELY, SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW , SD OR SE = e/2
8.
N/A
9.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
BOTTOM VIEW
SIDE VIEW
TOP VIEW
2X
2X
C
0.20
C
0.20
6
7
7
A
C
C
φ0.10
φ0.25 M
M
B
C
0.25
0.15 C
A
B
C
SEATING PLANE
J
K
eD
(INK OR LASER)
CORNER
A1
A2
D
E
A1 CORNER ID.
1.00±0.5
A
A1
CORNER
A1
NX
φb
SD
SE
eE
E1
D1
1
2
3
4
5
6
7
8
A
CB
D
FE
G
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com