Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 37 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 37 Page - SPANSION

Back Button S29CD032J Datasheet HTML 33Page - SPANSION S29CD032J Datasheet HTML 34Page - SPANSION S29CD032J Datasheet HTML 35Page - SPANSION S29CD032J Datasheet HTML 36Page - SPANSION S29CD032J Datasheet HTML 37Page - SPANSION S29CD032J Datasheet HTML 38Page - SPANSION S29CD032J Datasheet HTML 39Page - SPANSION S29CD032J Datasheet HTML 40Page - SPANSION S29CD032J Datasheet HTML 41Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
October 11, 2012 S29CD-J_CL-J_00_B7
S29CD-J and S29CL-J Flash Family
37
Data
She e t
8.8.1
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded Program or Erase algorithm
is in progress or completed, or whether a bank is in Erase Suspend. Data# Polling is valid after the rising
edge of the final WE# pulse in the command sequence. Note that Data# Polling returns invalid data for the
address being programmed or erased.
During the Embedded Program algorithm, the device outputs on DQ7 the complement of the datum
programmed to DQ7. This DQ7 status also applies to programming during Erase Suspend. When the
Embedded Program algorithm is complete, the device outputs the datum programmed to DQ7. The system
must provide the program address to read valid status information on DQ7.
If a program address falls within a protected sector, Data# polling on DQ7 is active for approximately 1 µs,
then that bank returns to the read mode without programming the sector. If an erase address falls within a
protected sector, Toggle BIT (DQ6) is active for 150 s, then the device returns to the read mode without
erasing the sector. Please note that Data# polling (DQ7) may give misleading status when an attempt is
made to program or erase a protected sector.
During the Embedded Erase Algorithm, Data# polling produces a “0” on DQ7. When the Embedded Erase
algorithm is complete Data# Polling produces a “1” on DQ7. The system must provide an address within any
of the sectors selected for erasure to read valid status information on DQ7.
In asynchronous mode, just prior to the completion of an Embedded Program or Erase operation, DQ7 may
change asynchronously with DQ6-DQ0 while Output Enable (OE#) is asserted low. That is, the device may
change from providing status information to valid data on DQ7. Depending on when the system samples the
DQ7 output, it may read the status or valid data. Even if the device has completed the program or erase
operation and DQ7 has valid data, the data outputs on DQ6-DQ0 may be still invalid. Valid data on DQ7-D00
appears on successive read cycles.
See the following for more information: Table 8.9, Write Operation Status on page 42 shows the outputs for
Data# Polling on DQ7. Figure 8.7, Data# Polling Algorithm on page 38 shows the Data# Polling timing
diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com