Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 68 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 68 Page - SPANSION

Back Button S29CD032J Datasheet HTML 64Page - SPANSION S29CD032J Datasheet HTML 65Page - SPANSION S29CD032J Datasheet HTML 66Page - SPANSION S29CD032J Datasheet HTML 67Page - SPANSION S29CD032J Datasheet HTML 68Page - SPANSION S29CD032J Datasheet HTML 69Page - SPANSION S29CD032J Datasheet HTML 70Page - SPANSION S29CD032J Datasheet HTML 71Page - SPANSION S29CD032J Datasheet HTML 72Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
68
S29CD-J and S29CL-J Flash Family
S29CD-J_CL-J_00_B7 October 11, 2012
Da ta
Sh e e t
Figure 18.15 Sector Protect/Unprotect Timing Diagram
Notes
* Valid address for sector protect: A[7:0] = 3Ah. Valid address for sector unprotect: A[7:0] = 3Ah.
** Command for sector protect is 68h. Command for sector unprotect is 60h.
*** Command for sector protect verify is 48h. Command for sector unprotect verify is 40h.
Sector Protect: 150 µs
Sector Unprotect: 15 ms
1 µs
RESET#
SA, A6,
A1, A0
Data
CE#
WE#
OE#
60h
60h/68h**
40h/48h***
Valid*
Valid*
Valid*
Status
Sector Protect/Unprotect
Verify
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com