Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 71 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 71 Page - SPANSION

Back Button S29CD032J Datasheet HTML 67Page - SPANSION S29CD032J Datasheet HTML 68Page - SPANSION S29CD032J Datasheet HTML 69Page - SPANSION S29CD032J Datasheet HTML 70Page - SPANSION S29CD032J Datasheet HTML 71Page - SPANSION S29CD032J Datasheet HTML 72Page - SPANSION S29CD032J Datasheet HTML 73Page - SPANSION S29CD032J Datasheet HTML 74Page - SPANSION S29CD032J Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
October 11, 2012 S29CD-J_CL-J_00_B7
S29CD-J and S29CL-J Flash Family
71
Data
She e t
18.8
Erase and Programming Performance
Notes
1. Typical program and erase times assume the following conditions: 25°C, 2.5V VCC, 100K cycles. Additionally, programming typicals assume checkerboard
pattern.
2. Under worst case conditions of 145°C, VCC = 2.5V, 1M cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table 20.1 and Table 20.2 for further
information on command definitions.
6. PPBs have a program/erase cycle endurance of 100 cycles.
7. Guaranteed cycles per sector is 100K minimum.
18.9
PQFP and Fortified BGA Pin Capacitance
Notes
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
Table 18.7 Erase and Programming Performance
Parameter
Typ
(Note 1)
Max
(Note 2)
Unit
Comments
Sector Erase Time
0.5
5
s
Excludes 00h programming prior to erasure
(Note 4)
Chip Erase Time
16 Mb = 23
32 Mb = 46
16 Mb = 230
32 Mb = 460
s
Double Word Program Time
8
130
µs
Excludes system level overhead (Note 5)
Accelerated Double Word Program Time
8
130
µs
Accelerated Chip Program Time
16 Mb = 5
32 Mb = 10
16 Mb = 50
32 Mb = 100
s
Chip Program Time, x32 (Note 3)
16 Mb = 12
32 Mb = 24
16 Mb = 120
32 Mb = 240
s
Table 18.8 PQFP and Fortified BGA Pin Capacitance
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com