Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 48 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 48 Page - SPANSION

Back Button S29CD032J Datasheet HTML 44Page - SPANSION S29CD032J Datasheet HTML 45Page - SPANSION S29CD032J Datasheet HTML 46Page - SPANSION S29CD032J Datasheet HTML 47Page - SPANSION S29CD032J Datasheet HTML 48Page - SPANSION S29CD032J Datasheet HTML 49Page - SPANSION S29CD032J Datasheet HTML 50Page - SPANSION S29CD032J Datasheet HTML 51Page - SPANSION S29CD032J Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
48
S29CD-J and S29CL-J Flash Family
S29CD-J_CL-J_00_B7 October 11, 2012
Da ta
Sh e e t
4. The DYB Set or Clear commands for the dynamic sector groups signify the protected or
unprotected state of the sector groups respectively. However, if there is a need to change the
status of the persistently locked sector groups, a few more steps are required. First, the PPB Lock
Bit must be cleared by either putting the device through a power-cycle, or hardware reset. The
PPBs can then be changed to reflect the desired settings. Setting the PPB Lock Bit once again
locks the PPBs, and the device operates normally again.
9.5
Password Protection Method
The Password Protection Method allows an even higher level of security than the Persistent Sector Protection
Mode by requiring a 64-bit password for unlocking the device PPB Lock Bit. In addition to this password
requirement, after power-up and reset, the PPB Lock Bit is set “1” in order to maintain the password mode of
operation. Successful execution of the Password Unlock command by entering the entire password clears the
PPB Lock Bit, allowing for sector PPBs modifications.
Notes
1. There is no special addressing order required for programming the password. Once the password
is written and verified, the Password Mode Locking Bit must be set in order to prevent access.
2. The Password Program Command is only capable of programming “0”s. Programming a “1” after a
cell is programmed as a “0” results in a time-out with the cell as a “0”. (This is an OTP area).
3. The password is all “1”s when shipped from the factory.
4. When the password is undergoing programming, Simultaneous Read/Write operation is disabled.
Read operations to any memory location returns the programming status. Once programming is
complete, the user must issue a Read/Reset command to return the device to normal operation.
5. All 64-bit password combinations are valid as a password.
6. There is no means to read, program or erase the password is after it is set.
7. The Password Mode Lock Bit, once set, prevents reading the 64-bit password on the data bus and
further password programming.
8. The Password Mode Lock Bit is not erasable.
9. The exact password must be entered in order for the unlocking function to occur.
10. There is a built-in 2-µs delay for each password check. This delay is intended to stop any efforts to
run a program that tries all possible combinations in order to crack the password.
Table 9.1 Sector Protection Schemes
DYB
PPB
PPB Lock
Sector State
0
0
0
Unprotected—PPB and DYB are changeable
0
0
1
Unprotected—PPB not changeable, DYB is changeable
01
0
Protected—PPB and DYB are changeable
10
0
11
0
01
1
Protected—PPB not changeable, DYB is changeable
10
1
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com