Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 44 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 44 Page - SPANSION

Back Button S29CD032J Datasheet HTML 40Page - SPANSION S29CD032J Datasheet HTML 41Page - SPANSION S29CD032J Datasheet HTML 42Page - SPANSION S29CD032J Datasheet HTML 43Page - SPANSION S29CD032J Datasheet HTML 44Page - SPANSION S29CD032J Datasheet HTML 45Page - SPANSION S29CD032J Datasheet HTML 46Page - SPANSION S29CD032J Datasheet HTML 47Page - SPANSION S29CD032J Datasheet HTML 48Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
44
S29CD-J and S29CL-J Flash Family
S29CD-J_CL-J_00_B7 October 11, 2012
Da ta
Sh e e t
Figure 9.1 Advanced Sector Protection/Unprotection
Hardware MethodsSoftware Methods
WP# = VIL
(Two outermost sectors
locked in large bank)
PPB Lock Bit
1,2,3
64-bit Password
(One Time Protect)
1 = PPBs Locked
0 = PPBs Unlocked
Memory Array
Sector Group 0
Sector Group 1
Sector Group 2
Sector Group N-2
Sector Group N-1
Sector Group N
4
PPB 0
PPB 1
PPB 2
PPB N-2
PPB N-1
PPB N
Persistent
Protection Bit
(PPB)
5,6
DYB 0
DYB 1
DYB 2
DYB N-2
DYB N-1
DYB N
Dynamic
Protection Bit
(DYB)
7,8,9
7. Protect effective only if PPB Lock Bit is
unlocked and corresponding PPB is “0”
(unprotected).
8. Volatile Bits.
9. 0 = Sector Group Unprotected;
1 = Sector Group Protected
5. PPBs programmed individually,
but cleared collectively.
6. 0 = Sector Group Unprotected;
1 = Sector Group Protected
1. Bit is volatile, and defaults to “0” on reset.
2. Programming to “1” locks all PPBs to their
current state.
3. Once programmed to “1”, requires hardware
reset to unlock.
4. N = 23 for S29CD016J/CL016J,
31 for S29CD032J/CL032J.
Password Method
Persistent Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com