Electronic Components Datasheet Search
  English  ▼

X  

LPC81XM Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC81XM Datasheet HTML 23Page - NXP Semiconductors LPC81XM Datasheet HTML 24Page - NXP Semiconductors LPC81XM Datasheet HTML 25Page - NXP Semiconductors LPC81XM Datasheet HTML 26Page - NXP Semiconductors LPC81XM Datasheet HTML 27Page - NXP Semiconductors LPC81XM Datasheet HTML 28Page - NXP Semiconductors LPC81XM Datasheet HTML 29Page - NXP Semiconductors LPC81XM Datasheet HTML 30Page - NXP Semiconductors LPC81XM Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
27 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
1. CRP1 disables access to the chip via the SWD and allows partial flash update
(excluding flash sector 0) using a limited set of the ISP commands. This mode is
useful when CRP is required and flash field updates are needed but all sectors cannot
be erased.
2. CRP2 disables access to the chip via the SWD and only allows full flash erase and
update using a reduced set of the ISP commands.
3. Running an application with level CRP3 selected, fully disables any access to the chip
via the SWD pins and the ISP. This mode effectively disables ISP override using
PIO0_1 pin as well. If necessary, the application must provide a flash update
mechanism using IAP calls or using a call to the reinvoke ISP command to enable
flash update via the USART.
In addition to the three CRP levels, sampling of pin PIO0_1 for valid user code can be
disabled. For details, see the LPC800 user manual.
7.21.4 APB interface
The APB peripherals are located on one APB bus.
7.21.5 AHBLite
The AHBLite connects the CPU bus of the ARM Cortex-M0+ to the flash memory, the
main static RAM, the CRC, and the ROM.
CAUTION
If level three Code Read Protection (CRP3) is selected, no future factory testing can be
performed on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com