Electronic Components Datasheet Search
  English  ▼

X  

LPC81XM Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LPC81XM Datasheet HTML 41Page - NXP Semiconductors LPC81XM Datasheet HTML 42Page - NXP Semiconductors LPC81XM Datasheet HTML 43Page - NXP Semiconductors LPC81XM Datasheet HTML 44Page - NXP Semiconductors LPC81XM Datasheet HTML 45Page - NXP Semiconductors LPC81XM Datasheet HTML 46Page - NXP Semiconductors LPC81XM Datasheet HTML 47Page - NXP Semiconductors LPC81XM Datasheet HTML 48Page - NXP Semiconductors LPC81XM Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
45 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[2]
The typical frequency spread over processing and temperature (Tamb = 40 C to +85 C) is 40 %.
[3]
See the LPC800 user manual.
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[2]
The typical frequency spread over processing and temperature (Tamb = 40 C to +85 C) is 40 %.
[3]
See the LPC800 user manual.
11.5 I/O pins
[1]
Applies to standard port pins and RESET pin.
Table 14.
Dynamic characteristics: Watchdog oscillator
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(int)
internal oscillator
frequency
DIVSEL = 0x1F, FREQSEL = 0x1
in the WDTOSCCTRL register;
[2][3] -9.4
-
kHz
DIVSEL = 0x00, FREQSEL = 0xF
in the WDTOSCCTRL register
[2][3] -
2300
-
kHz
Table 15.
Dynamic characteristics: Low-power oscillator
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(int)
internal oscillator
frequency
[2][3] -9.4
-
kHz
Table 16.
Dynamic characteristics: I/O pins[1]
Tamb = 40 C to +85 C; 3.0 V VDD 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
pin configured as output
3.0
-
5.0
ns
tf
fall time
pin configured as output
2.5
-
5.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com