Electronic Components Datasheet Search
  English  ▼

X  

LPC81XM Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC81XM Datasheet HTML 29Page - NXP Semiconductors LPC81XM Datasheet HTML 30Page - NXP Semiconductors LPC81XM Datasheet HTML 31Page - NXP Semiconductors LPC81XM Datasheet HTML 32Page - NXP Semiconductors LPC81XM Datasheet HTML 33Page - NXP Semiconductors LPC81XM Datasheet HTML 34Page - NXP Semiconductors LPC81XM Datasheet HTML 35Page - NXP Semiconductors LPC81XM Datasheet HTML 36Page - NXP Semiconductors LPC81XM Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
33 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply voltages.
[2]
Tamb =25 C.
[3]
IDD measurements were performed with all pins configured as GPIO outputs driven LOW and pull-up resistors disabled.
[4]
IRC enabled; system oscillator disabled; system PLL disabled.
[5]
System oscillator enabled; IRC disabled; system PLL disabled.
[6]
BOD disabled.
[7]
All peripherals disabled in the SYSAHBCLKCTRL register. Peripheral clocks to USART, CLKOUT, and IOCON disabled in system
configuration block.
[8]
IRC disabled; system oscillator enabled; system PLL enabled.
VOL
LOW-level output
voltage
2.5 V
V
DD 3.6 V; IOL = 4 mA
-
-
<tbd>
V
1.8 V
V
DD < 2.5 V; IOL = 3 mA
-
-
<tbd>
V
IOH
HIGH-level output
current
VOH =VDD  0.4 V;
2.5 V
 V
DD  3.6 V
<tbd>
-
-
mA
1.8 V
 V
DD < 2.5 V
<tbd>
-
-
mA
IOL
LOW-level output
current
VOL =0.4 V
2.5 V
 V
DD  3.6 V
<tbd>
-
-
mA
1.8 V
 V
DD < 2.5 V
<tbd>
-
-
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[15] -
-
<tbd>
mA
Ipd
pull-down current
VI = 5 V
<tbd>
<tbd>
<tbd>
A
Ipu
pull-up current
VI =0 V
2.0 V
 V
DD  3.6 V
<tbd>
<tbd>
<tbd>
A
1.8 V
 V
DD < 2.0 V
<tbd>
<tbd>
<tbd>
A
VDD <VI < 5 V
<tbd>
<tbd>
<tbd>
A
I2C-bus pins (PIO0_10 and PIO0_11) see Figure 11
VIH
HIGH-level input
voltage
<tbd>
-
-
V
VIL
LOW-level input voltage
-
-
<tbd>
V
Vhys
hysteresis voltage
-
<tbd>
-
V
IOL
LOW-level output
current
VOL =0.4 V; I2C-bus pins
configured as standard mode pins
2.5 V
 V
DD  3.6 V
<tbd>
-
-
mA
1.8 V
 V
DD < 2.5 V
<tbd>
-
-
IOL
LOW-level output
current
VOL =0.4 V; I2C-bus pins
configured as Fast-mode Plus
pins
2.5 V
 V
DD  3.6 V
<tbd>
-
-
mA
1.8 V
 V
DD < 2.5 V
<tbd>
-
-
ILI
input leakage current
VI =VDD
[16] -
<tbd>
<tbd>
A
VI = 5 V
-
<tbd>
<tbd>
A
Oscillator input pins (PIO0_8 and PIO0_9)
Vi(xtal)
crystal input voltage
<tbd>
<tbd>
<tbd>
V
Vo(xtal)
crystal output voltage
<tbd>
<tbd>
<tbd>
V
Table 9.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com