Electronic Components Datasheet Search
  English  ▼

X  

LPC81XM Datasheet(PDF) 47 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button LPC81XM Datasheet HTML 43Page - NXP Semiconductors LPC81XM Datasheet HTML 44Page - NXP Semiconductors LPC81XM Datasheet HTML 45Page - NXP Semiconductors LPC81XM Datasheet HTML 46Page - NXP Semiconductors LPC81XM Datasheet HTML 47Page - NXP Semiconductors LPC81XM Datasheet HTML 48Page - NXP Semiconductors LPC81XM Datasheet HTML 49Page - NXP Semiconductors LPC81XM Datasheet HTML 50Page - NXP Semiconductors LPC81XM Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
47 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
[8]
The maximum tHD;DAT could be 3.45 s and 0.9 s for Standard-mode and Fast-mode but must be less than
the maximum of tVD;DAT or tVD;ACK by a transition time (see UM10204). This maximum must only be met if
the device does not stretch the LOW period (tLOW) of the SCL signal. If the clock stretches the SCL, the
data must be valid by the set-up time before it releases the clock.
[9]
tSU;DAT is the data set-up time that is measured with respect to the rising edge of SCL; applies to data in
transmission and the acknowledge.
[10] A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system but the requirement
tSU;DAT = 250 ns must then be met. This will automatically be the case if the device does not stretch the
LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must
output the next data bit to the SDA line tr(max) + tSU;DAT = 1000 + 250 = 1250 ns (according to the
Standard-mode I2C-bus specification) before the SCL line is released. Also the acknowledge timing must
meet this set-up time.
11.7 SPI interfaces
The maximum data bit rate is 30 Mbit/s in slave and master modes.
Remark: SPI functions can be assigned to all digital pins. The characteristics are valid for
all digital pins except the open-drain pins PIO0_10 and PIO0_11.
Fig 27. I2C-bus pins clock timing
DDD
WI


6'$
WI


6




W+''$7
6&/
I6&/




W9''$7
W+,*+
W/2:
W68'$7
Table 18.
Dynamic characteristics of SPI pins
Tamb = 40 C to 85 C; CL = <tbd>; 1.8 V <= VDD <= 3.6 V. Simulated parameters; values guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SPI master (in SPI mode)
Tcy(clk)
clock cycle time
full-duplex mode
[1]
<tbd>
-
-
ns
when only transmitting [1]
<tbd>
ns
tDS
data set-up time
in SPI mode
2.4 V
 V
DD  3.6 V
<tbd>
-
-
ns
2.0 V
 V
DD < 2.4 V
<tbd>
ns
1.8 V
 V
DD < 2.0 V
<tbd>
-
-
ns
tDH
data hold time
in SPI mode
<tbd>
-
-
ns
tv(Q)
data output valid time in SPI mode
-
-
<tbd>
ns
th(Q)
data output hold time in SPI mode
<tbd>
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com