Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 125 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 125 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 129Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
125
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7 = SYSVDD voltage
12
DCMP4_GT
0
Digital Comparator 4 interrupt control
0 = interrupt when less than threshold
1 = interrupt when greater than or equal
to threshold
11:0
DCMP4_THR
000h
Digital Comparator 4 threshold
(12-bit unsigned binary number; coding
is the same as AUX_DATA)
Table 67 AUXADC Digital Comparator Control
18.5 AUXADC INTERRUPTS
The AUXADC is associated with a number of Interrupt event flags to indicate when new AUXADC
data is ready, or to indicate that one or more of the digital comparator thresholds has been crossed.
Each of these secondary interrupts triggers a primary AUXADC Interrupt, AUXADC_INT (see
Section 23). This can be masked by setting the mask bit(s) as described in Table 68.
Note that AUXADC_DATA_EINT is not cleared by reading the measured AUXADC data, it can only
be cleared by writing ‘1’ to the AUXADC_DATA_EINT register.
The AUXADC interrupts can be programmed using bits in Table 68.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
8
AUXADC_DATA_EINT
AUXADC Data Ready interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
7:4
AUXADC_DCOMPn_EINT
AUXADC Digital Comparator n interrupt
(Trigger is controlled by DCMPn_GT)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
8
IM_AUXADC_DATA_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
7:4
IM_AUXADC_DCOMPn_EI
NT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Note: n is a number between 1 and 4 that identifies the individual Comparator.
Table 68 AUXADC Interrupts
19 RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com