Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 129 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 129 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 133Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
129
20.4 DIGITAL RIGHTS MANAGEMENT
The Real Time Clock (RTC) maintains a continuous record of the time; this is maintained at all times,
including when the WM8310 is powered down and the RTC function is maintained by the backup
supply.
It is highly desirable to be able to write to the RTC counter in order to configure it for logical
translation into hours/minutes and to support calendar functions. However, for digital rights
management purposes, it is important that malicious modification of the RTC is either prevented or
detected.
The security measure implemented on the WM8310 is the RTC Write Counter. This register is
initialised to 0000h during Power On Reset, and is updated automatically whenever a Write operation
is scheduled on either of the RTC_TIME registers. Note that, when the RTC Write Counter is updated,
the new value is generated at random; it is not a sequential counter.
It is assumed that legitimate updates to the RTC_TIME are only those initiated by the Application
Processor (AP). When the AP makes an update to the RTC_TIME, the AP can also read the new
value of the RTC Write Counter, and should store the value in non-volatile memory. If the AP detects
a change in value of the RTC Write Counter, and this was not caused by the AP itself writing to the
RTC_TIME, this means that an unauthorised write to the RTC_TIME registers has occurred.
In order to make it difficult for an unauthorised RTC_TIME update to be masked by simply writing to
the RTC Write Counter, the RTC_WR_CNT field is generated at random by the WM8310 whenever
the RTC_TIME field is updated.
For additional security, the WM8310 does not allow the RTC to be updated more than 8 times in a
one-hour period. Additional write attempts will be ignored.
The RTC Control registers are described in Table 69.
20.5 BACKUP MODE CLOCKING OPTIONS
The BACKUP state is entered when the available power supplies are below the reset threshold of the
device. Typically, this means that USB or Wall supplies are not present and that the main battery is
either discharged or removed. Most of the device functions and registers are reset in this state.
The RTC and oscillator and a ‘software scratch’ memory area can be maintained from a backup
power source in the BACKUP state. This is provided using a coin cell, super/gold capacitor, or else a
standard capacitor, connected to the LDO12VOUT pin via a 22kΩ resistor. See Section 17.6 for
further details.
The RTC and oscillator can be disabled in the BACKUP state by setting the XTAL_BKUPENA register
bit to 0. This feature may be used to minimise the device power consumption in the BACKUP state. A
22
F capacitor connected to LDO12VOUT can maintain the RTC value, unclocked, for up to 5
minutes in BACKUP if the oscillator is disabled.
The XTAL_BKUPENA register bit is defined in Section 13.1. For more details on backup power, see
Section 17.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com