Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 131 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 131 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 135Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
131
GPn_FN
GPIO INPUT
FUNCTION
DESCRIPTION
DE-BOUNCE
TIME
Ah
Hardware
Enable 1
Control input for enabling one or more DC-DC
Converters and LDO Regulators.
See Section 15.
32
s to 64s
Bh
Hardware
Enable 2
Control input for enabling one or more DC-DC
Converters and LDO Regulators.
See Section 15.
32
s to 64s
Ch
Hardware
Control input 1
Control input for selecting the operating mode
and/or output voltage of one or more DC-DC
Converters and LDO Regulators.
See Section 15.
32
s to 64s
Dh
Hardware
Control input 2
Control input for selecting the operating mode
and/or output voltage of one or more DC-DC
Converters and LDO Regulators.
See Section 15.
32
s to 64s
Eh
Hardware
Control input 1
Control input for selecting the operating mode
and/or output voltage of one or more DC-DC
Converters and LDO Regulators.
See Section 15.
32ms to 64ms
Fh
Hardware
Control input 2
Control input for selecting the operating mode
and/or output voltage of one or more DC-DC
Converters and LDO Regulators.
See Section 15.
32ms to 64ms
Table 72 List of GPIO Input Functions
Further details of the GPIO input de-bounce time are noted in Section 21.3.
GPn_FN
GPIO OUTPUT
FUNCTION
DESCRIPTION
0h
GPIO
GPIO output. Logic level is set by writing to the GPn_LVL
register bits. See Section 21.3.
1h
Oscillator clock
32.768kHz clock output. See Section 13.
2h
ON state
Logic output indicating that the WM8310 is in the ON state. See
Section 11.5.
3h
SLEEP state
Logic output indicating that the WM8310 is in the SLEEP state.
See Section 11.5.
4h
Power State
Change
Logic output asserted whenever a Power On Reset, or an ON,
OFF, SLEEP or WAKE transition has completed.
Under default polarity (GPn_POL=1), the logic level is the same
as the PS_INT interrupt status flag. Note that, if any of the
associated Secondary interrupts is masked, then the respective
event will not affect the Power State Change GPIO output.
See Section 11.2 and Section 11.4.
8h
DC-DC1 DVS
Done
Logic output indicating that DC-DC1 buck converter DVS slew
has been completed. This signal is temporarily de-asserted
during voltage transitions (including non-DVS transitions). See
Section 15.6.
9h
DC-DC2 DVS
Done
Logic output indicating that DC-DC1 buck converter DVS slew
has been completed. This signal is temporarily de-asserted
during voltage transitions (including non-DVS transitions). See
Section 15.6.
Ah
External Power
Enable 1
Logic output assigned to one of the timeslots in the ON/OFF
and SLEEP/WAKE sequences. This can be used for sequenced
control of external circuits. See Section 15.3.
Bh
External Power
Enable 2
Logic output assigned to one of the timeslots in the ON/OFF
and SLEEP/WAKE sequences. This can be used for sequenced
control of external circuits. See Section 15.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com