Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 122 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 122 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 126Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
122
18.3 AUXADC READBACK
Measured data from the AUXADC is read via the AuxADC Data Register (R16429), which contains
two fields. The AUXADC Data Source is indicated in the AUX_DATA_SRC field; the associated
measurement data is contained in the AUX_DATA field.
Reading from the AuxADC Data Register returns a 12-bit code which represents the most recent
AUXADC measurement on the associated channel. It should be noted that every time an AUXADC
measurement is written to the AuxADC Data Register, the previous data is overwritten - the host
processor should ensure that data is read from this register before it is overwritten. The AUXADC
interrupts can be used to indicate when new data is available - see Section 18.5.
The 12-bit AUX_DATA field can be equated to the actual voltage (or temperature) according to the
following equations, where AUX_DATA is regarded as an unsigned integer:
Battery Temperature measurement varies according to the selected NTC thermistor component.
In a typical application, it is anticipated that the AUXADC Interrupts would be used to control the
AUXADC readback - the host processor should read the AUXADC Data Register in response to the
AUXADC Interrupt event. See Section 18.5 for details of AUXADC Interrupts. In Automatic AUXADC
mode, the processor should complete this action before the next measurement occurs, in order to
avoid losing any AUXADC samples. In Manual conversion mode, the interrupt signal provides
confirmation that the commanded measurement has been completed.
The control fields associated with initiating AUXADC readback are defined in Table 66.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16429
(402Dh)
AuxADC Data
15:12
AUX_DATA_SRC
[3:0]
000
AUXADC Data Source
0 = Reserved
1 = AUXADCIN1
2 = AUXADCIN2
3 = AUXADCIN3
4 = AUXADCIN4
5 = Chip Temperature
6 = Battery Temperature
7 = SYSVDD voltage
8 = USB voltage
9 = BATT voltage
10 = WALL voltage
11 = Reserved
12 = Reserved
13 = Reserved
14 = Reserved
15 = Reserved
11:0
AUX_DATA [11:0]
000h
AUXADC Measurement Data
Voltage (mV) = AUX_DATA x 1.465
ChipTemp (
C) = (498 - AUX_DATA) /
1.09
BattTemp (
C) = (value is dependent on
NTC thermistor)
Table 66 AUXADC Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com