Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 118 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 118 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 122Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
118
For information on how to set the hot and cold temperature limits, see the Applications Information in
Section 30.6.
17.7.8
BATTERY CHARGER INTERRUPTS
The Battery Charger is associated with a number of Interrupt event flags, described in Table 63. Each
of these secondary interrupts triggers a primary Battery Charger Interrupt, CHG_INT (see Section 23).
This can be masked by setting the mask bit(s) as described in Table 63.
If any Battery Charger interrupt event occurs while in the SLEEP power state, then a WAKE transition
request is generated. Note that this behaviour is not affected by any of the interrupt mask bits. See
Section 11.3 for a description of the WM8310 power state transitions.
If any of the Battery Charger Interrupts is asserted when a SLEEP transition is requested, then the
transition will be unsuccessful and the WM8310 will remain in the ON power state.
If battery charging is commenced in the SLEEP power state, the WM8310 will transition to the ON
power state, as a result of the CHG_START_EINT interrupt. Battery charging in the SLEEP power
state is only possible by clearing the CHG_START_EINT interrupt before commanding the transition
into the SLEEP power state.
ADDRESS
BIT
LABEL
DESCRIPTION
R16402
(4012h)
Interrupt Status
2
15
CHG_BATT_HOT_EINT
Battery Hot interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
14
CHG_BATT_COLD_EINT
Battery Cold interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
13
CHG_BATT_FAIL_EINT
Battery Fail interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
12
CHG_OV_EINT
Battery Overvoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
11
CHG_END_EINT
Battery Charge End interrupt (End of
Charge Current threshold reached)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
10
CHG_TO_EINT
Battery Charge Timeout interrupt (Charger
Timer has expired)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
9
CHG_MODE_EINT
Battery Charge Mode interrupt (Charger
Mode has changed)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
8
CHG_START_EINT
Battery Charge Start interrupt (Charging
has started)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(401Ah)
Interrupt Status
2 Mask
15
IM_CHG_BATT_HOT_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
14
IM_CHG_BATT_COLD_EIN
T
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
13
IM_CHG_BATT_FAIL_EINT
Interrupt mask.
0 = Do not mask interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com