Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 117 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 117 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 121Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
117
17.7.7
BATTERY TEMPERATURE MONITORING
As described in Section 17.7.1, the WM8310 is designed to monitor battery temperature using a
standard NTC thermistor component which is typically incorporated within the battery pack. This
allows the battery charger to detect a hot or cold battery condition that may be outside the battery’s
usable operating conditions. (Note that the temperature monitoring circuit also detects if the NTC
circuit is not connected, in order to mask any erroneous fault indications.)
The BATT_HOT_STS and BATT_COLD_STS register bits indicate if a hot battery or cold battery
temperature condition has been detected. If a battery temperature fault condition is detected, then
charging is paused temporarily and the CHG_BATT_HOT_EINT or CHG_BATT_COLD_EINT
interrupt is set (see Section 17.7.8).
Under typical circuit configurations, the hot and cold temperature conditions are designed to be +40
C
and 0
C respectively. These temperatures can be adjusted by the use of different resistor
components, as described in the Applications Information in Section 30.6.
Battery removal is also detected using the NTC circuit. This is used to terminate battery charging if a
battery is removed during charging.
The temperature monitoring circuit can be disabled by shorting NTCMON to LDO12VOUT. This is
only recommended if there is no NTC thermistor incorporated in the battery pack or if battery
temperature monitoring is provided by other methods. Note that the short between NTCMON and
LDO12VOUT is only sensed during start-up; the temperature monitoring circuit cannot be enabled /
disabled dynamically in the ON or SLEEP power states.
The battery temperature status bits are described in Table 62.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16458
(404Ah)
Charger Status
11
BATT_HOT_ST
S
0
Battery Hot status
0 = Normal
1 = Battery Hot
10
BATT_COLD_
STS
0
Battery Cold status
0 = Normal
1 = Battery Cold
Table 62 Battery Temperature Status
Battery temperature monitoring is configured as illustrated in Figure 27. The principle of operation is
that a temperature change in the battery pack causes a change in resistance of the NTC thermistor,
which results in a voltage change at the NTCMON pin.
WM8310
NTCMON
BATTVDD
GND
Battery temperature
measurement
NTCBIAS
Battery monitor
source
Single-cell
lithium battery
Main battery
connection
NTC bias resistor RBIAS (100k)
NTC thermistor RNTC (100k at 25 C)
VNTCMON =
x VNTCBIAS
RNTC
100k + RNTC
Figure 27 Battery Temperature Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com