Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 114 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 114 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 118Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
114
17.7.4
CHARGER TIMEOUT AND TERMINATION
Fast charging and trickle charging is terminated under any of the following conditions:
Charge current falls below the ‘End of Charge’ threshold
Charger timeout
Battery fault or overvoltage condition (see Section 17.7.6)
Chip overtemperature condition (see Section 17.7.2)
Transition to the OFF power state
The End of Charge current threshold can be set using the CHG_ITERM register field, as defined in
Table 59. Charging is terminated when the charge current is below the CHG_ITERM threshold,
provided also that the battery voltage has reached the target voltage CHG_VSEL at the end of the
constant voltage charge phase.
If the battery charger current is reduced or paused due to a drop in SYSVDD voltage (as described in
Section 17.7.1), then the End of Charge current threshold does not cause battery charging to be
terminated, as the charge current is not indicative of the battery charge status in this case.
The battery charger has a programmable safety timer to control the battery charge duration. The timer
is started when either fast charging or trickle charging commences, including charging that is
triggered as a result of the battery voltage dropping to the charger re-start threshold. The timer is re-
started if the charging mode is changed (eg. between fast charge and trickle charge modes). The
timeout period may be set by writing to the CHG_TIME register field; this allows charge times of up to
510mins (8.5 hours) to be selected.
When the timeout period completes, the battery charge cycle is terminated. In this event, the charger
will not re-start until the charger has been disabled (CHG_ENA = 0) and then re-enabled (CHG_ENA
= 1). Note that the charger re-start threshold is ignored in this case, and the charger will not re-start
automatically.
The elapsed battery charge time can be read from the CHG_TIME_ELAPSED register field. This field
is reset whenever the charger timer is started (ie. by starting charging, stopping charging, or changing
charging modes).
If charging is paused due to a battery temperature or chip temperature condition, then the charge
timer is paused until charging resumes.
Battery charging is terminated if removal of the battery is detected via the NTC monitor connections
(see Section 17.7.2).
The register control fields for battery charger termination are described in Table 59. Note that the
Battery Charger control registers are locked by the WM8310 User Key. These registers can only be
changed by writing the appropriate code to the Security register, as described in Section 12.4.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16456
(4048h)
Charger
Control 1
12:10
CHG_ITERM
[2:0]
000
Battery End of Charge current threshold
000 = 20mA
001 = 30mA
010 = 40mA
011 = 50mA
100 = 60mA
101 = 70mA
110 = 80mA
111 = 90mA
Protected by user key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com