Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 110 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 110 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 114Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
110
The battery charger voltage and current are programmable. Trickle charging and fast charging modes
are supported. In both modes, the SYSVDD voltage is monitored to ensure the power supply capacity
or USB current limit is not exceeded. If the SYSVDD voltage drops to 3.9V, (eg. if the USB current
limit has been reached), then the battery charge current is automatically reduced to try and prevent
further voltage drop at SYSVDD.
Under high operating load conditions, the battery may be required to supplement the USB or Wall
Adaptor power sources. Note that this capability is supported even when battery charging is enabled;
in this case, the battery provides power to the system when required, and the charger resumes when
sufficient current capacity is available.
Typical connections for the WM8310 battery charger are illustrated in Figure 25.
WM8310
NTCMON
BATTVDD
GND
LED1
Charge status
indicator LED
charge current
Battery temperature
measurement
Primary power
source
Secondary power
source - used when
primary is unavailable
USBVDD
SYSVDD
NTCBIAS
Battery monitor
source
Single-cell
lithium battery
Main battery
connection
System status
LED output
WALLVDD
WALLFETENA
Wall Adaptor Supply
SYSVDD
Figure 25 Typical Connections for WM8310 Battery Charger
The main battery terminal is connected to BATTVDD. The WM8310 also incorporates a battery
temperature monitoring circuit, which monitors the NTC thermistor that is typically incorporated within
a rechargeable battery pack. The NTCMON pin allows the charger to detect a hot or cold battery
condition that may be outside the battery’s usable operating conditions. Battery removal is also
detected using the NTCMON pin.
The bias resistor connected between NTCBIAS and NTCMON should be a 1% tolerance resistor with
a nominal value equal to the value of the battery’s NTC thermistor at 25
C.
The temperature monitoring circuit can be disabled by shorting NTCMON to LDO12VOUT. This is
only recommended if there is no NTC thermistor incorporated in the battery pack or if battery
temperature monitoring is provided by other methods. Note that the short between NTCMON and
LDO12VOUT is only sensed during start-up; the temperature monitoring circuit cannot be enabled /
disabled dynamically in the ON or SLEEP power states.
See Section 17.7.7 for more details of the battery temperature monitoring function.
A typical battery charge cycle is illustrated in Figure 26. This shows both the trickle charge and fast
charge processes.
The trickle charge mode is a constant current mode. The small charge current in this mode is suitable
for pre-conditioning a deeply discharged battery, or when only limited power is available for battery
charging. When the charger is enabled and the conditions for fast charging are not met, then trickle
charging is selected. (Note that fast charging is not permitted if the battery voltage is below the
defective battery threshold voltage.) Trickle charging is disabled when the charger enters the fast
charging stage, or when the charge current drops to a programmable ‘End of Charge’ threshold level
at the end of the constant voltage charge phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com