Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 109 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 109 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 113Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
109
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
15
PPM_SYSLO_EINT
Power Path SYSLO interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
14
PPM_PWR_SRC_EINT
Power Path Source interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
13
PPM_USB_CURR_EINT
Power Path USB Current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
15
IM_PPM_SYSLO_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
14
IM_PPM_PWR_SRC_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
13
IM_PPM_USB_CURR_EIN
T
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 56 Power Path Management Interrupts
17.6 BACKUP POWER
As an option, a backup power source can be provided for the WM8310. This is provided using a coin
cell, super/gold capacitor, or else a standard capacitor, connected to the LDO12VOUT pin.
Note that a 22kΩ series resistor should also be connected to the backup power source.
The LDO12VOUT pin provides a constant-voltage output for charging the backup power source
whenever the SYSVDD power domain is available.
The purpose of the backup is to power the always-on functions such as the crystal oscillator, RTC and
ALARM control registers. The backup power also maintains a ‘software scratch’ memory area in the
register map - see Section 12.6. Maintaining these functions at all times provides system continuity
even when the main battery is removed and no other power supply is available.
The backup duration will vary depending upon the backup power source characteristics. A typical coin
cell can provide power to the WM8310 in BACKUP mode for a month or more whilst also
maintainingthe RTC and the ‘software scratch’ register.
If a standard capacitor is used as the backup power source, then it is particularly important to
minimise the device power consumption in the BACKUP state. A 22
F capacitor will maintain the
device settings for up to 5 minutes in ‘unclocked’ mode, where power consumption is minimised by
stopping the RTC in the BACKUP state. The RTC is unclocked in the BACKUP state if the
XTAL_BKUPENA register field is set to 0, as described in Section 20.5.
17.7 BATTERY CHARGER
17.7.1
GENERAL DESCRIPTION
The WM8310 incorporates a battery charger which is designed for charging single-cell lithium
batteries. The battery charger can operate from either the Wall or USB power sources. The battery
charger implements constant-current (CC) and constant-voltage (CV) charge methods, and can run
automatically without any intervention required by the host processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com