Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 152 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 152 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 156Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
152
24 RESETS AND SUPPLY VOLTAGE MONITORING
24.1 RESETS
The WM8310 provides hardware and software monitoring functions as inputs to a Reset management
system. These functions enable the device to take appropriate action when power supplies are
critically low or if a hardware or software fault condition is detected.
There are different levels of Resets, providing different response mechanisms according to the
condition that caused the Reset event. Where applicable, the WM8310 will automatically return to the
ON state and resume normal operation as quickly as possible following a Reset.
A System Reset occurs in the event of a Power Sequence Failure, Device overtemperature, SYSVDD
undervoltage, Software ‘OFF’ request or VPMIC (LDO12) undervoltage condition. Under these
conditions, the WM8310 asserts the RESET
¯¯¯¯¯¯ pin and transitions to the OFF state. In the case of
VPMIC undervoltage, the WM8310 enters the BACKUP state. The contents of the Register map are
not reset under System Reset conditions.
A Device Reset occurs in the event of a Watchdog Timeout, Hardware Reset request or Converter
(LDO or DC-DC) Undervoltage condition. Under these conditions, the WM8310 asserts the RESET
¯¯¯¯¯¯
pin and transitions to the OFF state. The contents of the Register map are cleared to default values,
except for the RTC and software scratch registers, which are maintained. The WM8310 will
automatically return to the ON state after performing the Device Reset.
A Software Reset occurs when any value is written to Register 0000h, as described in Section 12.5.
In this event, the WM8310 asserts the RESET
¯¯¯¯¯¯ pin and transitions to the OFF state. The Register map
contents may or may not be affected, depending on the value of the SW_RESET_CFG field. See
Section 24.3 for further details of Software Reset configuration. The WM8310 will automatically return
to the ON state after performing the Software Reset.
A Power-On Reset occurs when the supply voltage is less than the Power-On Reset threshold, as
described in Section 24.4. In this event, the WM8310 is forced into the NO POWER state, as
described in Section 11.2. All the contents of the Register map are lost in the NO POWER state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com