Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 149 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 149 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 153Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
149
ADDRESS
BIT
LABEL
DESCRIPTION
R16402
(4012h)
Interrupt Status
2
5
OTP_CMD_END_EINT
OTP / ICE Command End interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
4
OTP_ERR_EINT
OTP / ICE Command Fail interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(401Ah)
Interrupt Status
2 Mask
5
IM_OTP_CMD_END_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
4
IM_OTP_ERR_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 95 OTP Memory Interrupts
23.2.13 RESERVED
23.2.14 BATTERY CHARGER INTERRUPTS
The primary CHG_INT interrupt comprises six secondary interrupts as described in Section 17.7.8.
The secondary interrupt bits are defined in Table 96.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a CHG_INT interrupt. The secondary interrupt bits in R16402
(4012h) are valid regardless of whether the mask bit is set. The secondary interrupts are all masked
by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16402
(4012h)
Interrupt Status
2
15
CHG_BATT_HOT_EINT
Battery Hot interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
14
CHG_BATT_COLD_EINT
Battery Cold interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
13
CHG_BATT_FAIL_EINT
Battery Fail interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
12
CHG_OV_EINT
Battery Overvoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
11
CHG_END_EINT
Battery Charge End interrupt (End of
Charge Current threshold reached)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
10
CHG_TO_EINT
Battery Charge Timeout interrupt
(Charger Timer has expired)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
9
CHG_MODE_EINT
Battery Charge Mode interrupt (Charger
Mode has changed)
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
8
CHG_START_EINT
Battery Charge Start interrupt (Charging
has started)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com