Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 255 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 255 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 252Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 253Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 254Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 255Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 256Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 257Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 258Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 259Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
255
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
7
FLL_AUTO
1
FLL Automatic Mode Enable
0 = Manual configuration mode
1 = Automatic configuration mode
(To enable the FLL output, FLL_ENA must also be set
in Automatic mode)
2:0
FLL_AUTO_FR
EQ [2:0]
000
FLL Automatic Mode Frequency select
000 = 2.048MHz
001 = 11.2896MHz
010 = 12MHz
011 = 12.288MHz
100 = 19.2MHz
101 = 22.5792MHz
110 = 24MHz
111 = 24.576MHz
Register 4091h Clock Control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16530
(4092h) FLL
Control 1
2
FLL_FRAC
0
Fractional enable
0 = Integer Mode
1 = Fractional Mode
Integer mode offers reduced power consumption.
Fractional mode offers best FLL performance, provided
also that N.K is a non-integer value.
0
FLL_ENA
0
FLL Enable
0 = Disabled
1 = Enabled
Note - this bit is reset to 0 when the OFF power state is
entered.
Register 4092h FLL Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16531
(4093h) FLL
Control 2
13:8
FLL_OUTDIV
[5:0]
00_0000
FOUT clock divider
000000 = Reserved
000001 = Reserved
000010 = Reserved
000011 = 4
000100 = 5
000101 = 6
…
111110 = 63
111111 = 64
(FOUT = FVCO / FLL_OUTDIV)
6:4
FLL_CTRL_RA
TE [2:0]
000
Frequency of the FLL control block
000 = FVCO / 1 (Recommended value)
001 = FVCO / 2
010 = FVCO / 3
011 = FVCO / 4
100 = FVCO / 5
101 = FVCO / 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com